Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 113Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 114Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 115Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 116Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 117Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 118Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 119Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 120Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 117
PIC24FJ128GA310 FAMILY
bit 1
SPI2IE:
SPI2 Event Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 0
SPF2IE:
SPI2 Fault Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
REGISTER 8-15:
IEC2: INTERRUPT ENABLE CONTROL REGISTER 2
REGISTER 8-16:
IEC3: INTERRUPT ENABLE CONTROL REGISTER 3
U-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
—
RTCIE
DMA5IE
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
U-0
—INT4IE(1)
INT3IE(1)
—
—MI2C2IE
SI2C2IE
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented:
Read as ‘0’
bit 14
RTCIE:
Real-Time Clock/Calendar Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 13
DMA5IE:
DMA Channel 5 Interrupt Flag Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 12-7
Unimplemented:
Read as ‘0’
bit 6
INT4IE:
External Interrupt 4 Enable bit(1)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 5
INT3IE:
External Interrupt 3 Enable bit(1)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 4-3
Unimplemented:
Read as ‘0’
bit 2
MI2C2IE:
Master I2C2 Event Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 1
SI2C2IE:
Slave I2C2 Event Interrupt Enable bit
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit 0
Unimplemented:
Read as ‘0’
Note 1:
If an external interrupt is enabled, the interrupt input must also be configured to an available RPx or RPIx
pin. See Section 11.4 “Peripheral Pin Select (PPS)” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com