Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 164Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 165Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 166Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 167Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 168Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 169Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 170Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 171Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 168
 2010-2011 Microchip Technology Inc.
11.1.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port direction
change or port write operation and a read operation of
the same port. Typically, this instruction would be a NOP.
11.1.2
OPEN-DRAIN CONFIGURATION
In addition to the PORT, LAT and TRIS registers for data
control, each port pin can also be individually configured
for either a digital or open-drain output. This is controlled
by the Open-Drain Control register, ODCx, associated
with each port. Setting any of the bits configures the
corresponding pin to act as an open-drain output.
The open-drain feature allows the generation of
outputs higher than VDD (e.g., 5V) on any desired
digital only pins by using external pull-up resistors. The
maximum open-drain voltage allowed is the same as
the maximum VIH specification.
11.2
Configuring Analog Port Pins
(ANSx)
The ANSx and TRISx registers control the operation of
the pins with analog function. Each port pin with analog
function is associated with one of the ANS bits (see
Register 11-1 through Register 11-6), which decides if
the pin function should be analog or digital. Refer to
Table 11-1 for detailed behavior of the pin for different
ANSx and TRISx bit settings.
When reading the PORT register, all pins configured as
analog input channels will read as cleared (a low level).
11.2.1
ANALOG INPUT PINS AND
VOLTAGE CONSIDERATIONS
The voltage tolerance of pins used as device inputs is
dependent on the pin’s input function. Most input pins are
able to handle DC voltages of up to 5.5V, a level typical
for digital logic circuits. However, several pins can only
tolerate voltages up to VDD. Voltage excursions beyond
VDD on these pins should always be avoided.
Table 11-2 summarizes the different voltage tolerances.
Refer to Section 32.0 “Electrical Characteristics” for
more details.
TABLE 11-1:
CONFIGURING ANALOG/DIGITAL FUNCTION OF AN I/O PIN
Pin Function
ANSx Setting
TRISx Setting
Comments
Analog Input
11
It is recommended to keep ANSx = 1.
Analog Output
11
It is recommended to keep ANSx = 1.
Digital Input
01
Firmware must wait at least one instruction cycle
after configuring a pin as a digital input before a valid
input value can be read.
Digital Output
00
Make sure to disable the analog output function on
the pin if any is present.
TABLE 11-2:
INPUT VOLTAGE LEVELS FOR PORT OR PIN TOLERATED DESCRIPTION INPUT
Port or Pin
Tolerated Input
Description
PORTA<15:14, 7:0>(1)
5.5V
Tolerates input levels above VDD; useful
for most standard logic.
PORTB<15:7, 5:2>
PORTC<3:1>(1)
PORTD<15:8, 5:0>(1)
PORTE<9:8, 4:0>(1)
PORTF<13:12, 8:0>(1)
PORTG<15:12, 9, 6:0>(1)
PORTA<10:9>(1)
VDD
Only VDD input levels are tolerated.
PORTB<6, 1:0>
PORTC<15:12, 4>(1)
PORTD<7:6>
PORTE<7:5>(1)
PORTG<8:7>
Note 1:
Not all of these pins are implemented in 64-pin or 80-pin devices. Refer to Section 1.0 “Device Overview”
for a complete description of port pin implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com