Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 170Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 171Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 172Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 173Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 174Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 175Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 176Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 177Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 174
 2010-2011 Microchip Technology Inc.
11.4.3.1
Input Mapping
The inputs of the Peripheral Pin Select options are
mapped on the basis of the peripheral; that is, a control
register associated with a peripheral dictates the pin it
will be mapped to. The RPINRx registers are used to
configure peripheral input mapping (see Register 11-7
through Register 11-26).
Each register contains two sets of 6-bit fields, with each
set associated with one of the pin-selectable peripher-
als. Programming a given peripheral’s bit field, with an
appropriate 6-bit value, maps the RPn/RPIn pin with
that value to that peripheral. For any given device, the
valid range of values for any of the bit fields corre-
sponds to the maximum number of Peripheral Pin
Selections supported by the device.
TABLE 11-3:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
Input Name
Function Name
Register
Function Mapping
Bits
DSM Modulation Input
MDMIN
RPINR30
MDMIR<5:0>
DSM Carrier 1 Input
MDCIN1
RPINR31
MDC1R<5:0>
DSM Carrier 2 Input
MDCIN2
RPINR31
MDC2R<5:0>
External Interrupt 1
INT1
RPINR0
INT1R<5:0>
External Interrupt 2
INT2
RPINR1
INT2R<5:0>
External Interrupt 3
INT3
RPINR1
INT3R<5:0>
External Interrupt 4
INT4
RPINR2
INT4R<5:0>
Input Capture 1
IC1
RPINR7
IC1R<5:0>
Input Capture 2
IC2
RPINR7
IC2R<5:0>
Input Capture 3
IC3
RPINR8
IC3R<5:0>
Input Capture 4
IC4
RPINR8
IC4R<5:0>
Input Capture 5
IC5
RPINR9
IC5R<5:0>
Input Capture 6
IC6
RPINR9
IC6R<5:0>
Input Capture 7
IC7
RPINR10
IC7R<5:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<5:0>
Output Compare Fault B
OCFB
RPINR11
OCFBR<5:0>
SPI1 Clock Input
SCK1IN
RPINR20
SCK1R<5:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<5:0>
SPI1 Slave Select Input
SS1IN
RPINR21
SS1R<5:0>
SPI2 Clock Input
SCK2IN
RPINR22
SCK2R<5:0>
SPI2 Data Input
SDI2
RPINR22
SDI2R<5:0>
SPI2 Slave Select Input
SS2IN
RPINR23
SS2R<5:0>
Timer1 External Clock
T1CK
RPINR23
T1CKR<5:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<5:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<5:0>
Timer4 External Clock
T4CK
RPINR4
T4CKR<5:0>
Timer5 External Clock
T5CK
RPINR4
T5CKR<5:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<5:0>
UART1 Receive
U1RX
RPINR18
U1RXR<5:0>
UART2 Clear To Send
U2CTS
RPINR19
U2CTSR<5:0>
UART2 Receive
U2RX
RPINR19
U2RXR<5:0>
UART3 Clear To Send
U3CTS
RPINR21
U3CTSR<5:0>
UART3 Receive
U3RX
RPINR17
U3RXR<5:0>
UART4 Clear To Send
U4CTS
RPINR27
U4CTSR<5:0>
UART4 Receive
U4RX
RPINR27
U4RXR<5:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt Trigger (ST) input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com