Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP160 Datasheet(PDF) 13 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 13 Page - AMIC Technology

Back Button AP160 Datasheet HTML 9Page - AMIC Technology AP160 Datasheet HTML 10Page - AMIC Technology AP160 Datasheet HTML 11Page - AMIC Technology AP160 Datasheet HTML 12Page - AMIC Technology AP160 Datasheet HTML 13Page - AMIC Technology AP160 Datasheet HTML 14Page - AMIC Technology AP160 Datasheet HTML 15Page - AMIC Technology AP160 Datasheet HTML 16Page - AMIC Technology AP160 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AP160
Version 0.0
13
AMIC Technology, Inc.
DATA MEMORY
The AP160 implements 256 bytes of on-chip RAM. The upper 128 bytes occupy a parallel address space to the Special
Function Registers. That means the upper 128 bytes have the same addresses as the SFR space but are physically
separate from SFR space. When an instruction accesses an internal location above address 7FH, the address mode used
in the instruction specifies whether the CPU accesses the upper 128 bytes of RAM or the SFR space. Instructions that use
direct addressing access SFR space. For example, the following direct addressing instruction accesses the SFR at location
0A0H (which is P2).
MOV 0A0H, #data
Instructions that use indirect addressing access the upper 128 bytes of RAM. For example, the following indirect addressing
instruction, where R0 contains 0A0H, accesses the data byte at address 0A0H, rather than P2 (whose address is 0A0H).
MOV @R0, #data
Note that stack operations are examples of indirect addressing, so the upper 128 bytes of data RAM are avail-able as stack
space.
POWER MANAGEMENT
IDLE MODE
In idle mode, the CPU puts itself to sleep while all the on-chip peripherals remain active. The mode is invoked by software.
The content of the on-chip RAM and all the special functions registers remain unchanged during this mode. The idle mode
can be terminated by any enabled interrupt or by a hardware reset. Note that when idle mode is terminated by a hardware
reset, the device normally resumes program execution from where it left off, up to two machine cycles before the internal
reset algorithm takes control. On-chip hardware inhibits access to internal RAM in this event, but access to the port pins is
not inhibited. To eliminate the possibility of an unexpected write to a port pin when idle mode is terminated by a reset, the
instruction following the one that invokes idle mode should not write to a port pin or to external memory.
POWER DOWN MODE
In the power down mode, the oscillator is stopped, and the instruction that invokes power down is the last instruction
executed. The on-chip RAM and Special Function Registers retain their values until the power down mode is terminated.
The way to exit from power down mode is either hardware reset or external interrupt. Reset redefines the SFRs but does not
change the on-chip RAM. The reset should not be activated before V CC is restored to its normal operating level and must
be held active long enough to allow the oscillator to restart and stabilize.
Status of External Pins During Idle and Power Down Modes
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
RESET
A reset is accomplished by holding the RST pin high for at least two machine cycles (24 oscillator periods), while the
oscillator is running. To insure a good power-up reset, the RST pin must be high long enough to allow the oscillator time to
start up (normally a few milliseconds) plus two machine cycles.
REDUCED EMI
All port pins of the AP160 have slew rate controlled outputs. This is to limit noise generated by quickly switching output
signals. The slew rate is factory set to approximately 10 ns rise and fall times.
AUXR Address = 8EH
Bit
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
AO
NOTE: The AO bit (AUXR.0) in the AUXR register when set disables the ALE output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com