Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP160 Datasheet(PDF) 4 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 4 Page - AMIC Technology

  AP160 Datasheet HTML 1Page - AMIC Technology AP160 Datasheet HTML 2Page - AMIC Technology AP160 Datasheet HTML 3Page - AMIC Technology AP160 Datasheet HTML 4Page - AMIC Technology AP160 Datasheet HTML 5Page - AMIC Technology AP160 Datasheet HTML 6Page - AMIC Technology AP160 Datasheet HTML 7Page - AMIC Technology AP160 Datasheet HTML 8Page - AMIC Technology AP160 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AP160
Version 0.0
4
AMIC Technology, Inc.
PIN DESCRIPTIONS
SYMBOL
TYPE
DESCRIPTIONS
VSS
I
Ground.
VCC
I
Supply voltage.
P0.0-P0.7
I/O
Port 0 is an 8-bit open drain, bidirectional I/O port. When 1s are written to port 0 pins, the pins
can be used as high-impedance inputs. Port 0 can also be configured to be the multiplexed
low-order address/data bus during accesses to external program and data memory. In this
mode, P0 has internal pullups. Port 0 also receives the code bytes during programming on-chip
OTP EPROM and outputs the code bytes during program verification. External pullups are
required during program verification.
P1.0-P1.7
I/O
Port 1 is an 8-bit bidirectional I/O port with internal pullups. The Port 1 output buffers can
sink/source four TTL inputs. When 1s are written to Port 1 pins, they are pulled high by the
internal pullups and can be used as inputs. As inputs, Port 1 pins that are externally being
pulled low will source current (
IL
I ) because of the internal pullups. In addition, P1.0 and P1.1
can be configured to be the timer/counter 2 external count input (P1.0/T2) and the timer/counter
2 trigger input (P1.1/T2EX), respectively, as shown in the following:
T2 (P1.0): Timer/Counter 2 external count input/clockout (see Programmable Clock-Out)
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction control.
Port 1 also receives the low-order address bytes during programming on-chip OTP EPROM
and verification.
P2.0-P2.7
I/O
Port 2 is an 8-bit bidirectional I/O port with internal pullups. The Port 2 output buffers can
sink/source four TTL inputs. When 1s are written to Port 2 pins, they are pulled high by the
internal pullups and can be used as inputs. As inputs, Port 2 pins that are externally being
pulled low will source current (
IL
I ) because of the internal pullups. Port 2 emits the high-order
address byte during fetches from external program memory and during accesses to external
data memory that use 16-bit addresses (MOVX @DPTR). In this application, Port 2 uses strong
internal pullups when emitting 1s. During accesses to external data memory that use 8-bit
addresses (MOVX @ RI), Port 2 emits the contents of the P2 Special Function Register. Port 2
also receives the high-order address bits and some control signals during programming on-chip
OTP EPROM and verification.
P3.0-P3.7
I/O
Port 3 is an 8-bit bidirectional I/O port with internal pullups. The Port 3 output buffers can
sink/source four TTL inputs.When 1s are written to Port 3 pins, they are pulled high by the
internal pullups and can be used as inputs. As inputs, Port 3 pins that are externally being
pulled low will source current (
IL
I ) because of the pullups. Port 3 also serves the functions of
various special features of the AP160, as shown below:
RXD (P3.0): Serial input port
TXD (P3.1): Serial output port
INT0 (P3.2): External interrupt
INT1 (P3.3): External interrupt
T0 (P3.4): Timer 0 external input
T1 (P3.5): Timer 1 external input
WR (P3.6): External data memory write strobe
RD (P3.7): External data memory read strobe
Port 3 also receives some control signals for programming and verification.
RST
I
Reset input. A high on this pin for two machine cycles while the oscillator is running resets the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com