Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP160 Datasheet(PDF) 22 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 22 Page - AMIC Technology

Back Button AP160 Datasheet HTML 17Page - AMIC Technology AP160 Datasheet HTML 18Page - AMIC Technology AP160 Datasheet HTML 19Page - AMIC Technology AP160 Datasheet HTML 20Page - AMIC Technology AP160 Datasheet HTML 21Page - AMIC Technology AP160 Datasheet HTML 22Page - AMIC Technology AP160 Datasheet HTML 23Page - AMIC Technology AP160 Datasheet HTML 24Page - AMIC Technology AP160 Datasheet HTML 25Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AP160
Version 0.0
22
AMIC Technology, Inc.
ORDERING INFORMATION
Part
Number
Package
Type
Operation
Temperature Range
AP160L
PLCC
-40°C ~ +85°C
AP160F
QFP
-40°C ~ +85°C
NOTE : AMIC Technology, Inc. reserves the right to make changes without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com