Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM453232-R561L Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # CM453232-R561L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R561L Datasheet(HTML) 9 Page - Bourns Electronic Solutions

  CM453232-R561L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM100505 Series Laser-cut Winding
REV. 0
1/14
RoHS Compliant
0402 Size
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part Number
nH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM100505-1N0DL
1.00
±0.3 nH
8
100
6000
0.05
400
CM100505-1N2DL
1.20
±0.3 nH
8
100
6000
0.06
400
CM100505-1N5DL
1.50
±0.3 nH
8
100
6000
0.07
400
CM100505-1N8DL
1.80
±0.3 nH
8
100
6000
0.08
400
CM100505-2N2DL
2.20
±0.3 nH
8
100
6000
0.09
400
CM100505-2N7DL
2.70
±0.3 nH
8
100
5500
0.10
400
CM100505-3N3DL
3.30
±0.3 nH
8
100
5500
0.12
400
CM100505-3N9DL
3.90
±0.3 nH
8
100
5200
0.15
360
CM100505-4N7DL
4.70
±0.3 nH
8
100
4800
0.17
360
CM100505-5N6DL
5.60
±0.3 nH
8
100
4600
0.19
340
CM100505-6N8JL
6.80
± 5 %
8
100
4000
0.30
320
CM100505-8N2JL
8.20
± 5 %
8
100
3500
0.35
320
CM100505-10NJL
10.00
± 5 %
8
100
2800
0.41
320
CM100505-12NJL
12.00
± 5 %
8
100
2800
0.45
320
CM100505-15NJL
15.00
± 5 %
8
100
2500
0.60
240
CM100505-18NJL
18.00
± 5 %
8
100
2200
0.70
240
CM100505-22NJL
22.00
± 5 %
8
100
2000
0.80
200
CM100505-27NJL
27.00
± 5 %
8
100
1800
1.2
200
CM100505-33NJL
33.00
± 5 %
8
100
1800
1.4
170
CM100505-39NJL
39.00
± 5 %
8
100
1800
1.7
150
CM100505-47NJL
47.00
± 5 %
8
100
1800
2.1
140
CM100505-56NJL
56.00
± 5 %
8
100
1500
2.5
130
CM100505-68NJL
68.00
± 5 %
8
100
1500
4.0
120
CM100505-82NJL
82.00
± 5 %
8
100
1400
4.5
110
CM100505-R10JL
100.00
± 5 %
8
100
1200
5.5
90



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com