Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM453232-R561L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CM453232-R561L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R561L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CM453232-R561L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
Packaging Specifications
Packaging
Reel Dimensions
Model
A
B
W
F
E
P1
P2
P3
D0 Dia.
D1 Dia.
t1
t2
CM10
0.71 (.027) 1.21 (.047) 8.00 (.315) 3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059)
—
—
0.66 (.026)
CM16
1.00 (.039) 1.80 (.071) 8.00 (.315) 3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 0.60 (.024)
0.27 (.011)
1.20 (.047)
CM20
1.45 (.057) 2.25 (.089) 8.00 (.315) 3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 1.00 (.039)
0.25 (.010)
1.55 (.061)
CM25
2.40 (.094) 2.90 (.114) 8.00 (.315) 3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059) 1.10 (.043)
0.25 (.010)
1.85 (.073)
CM32
2.80 (.110) 3.60 (.142) 8.00 (.315) 3.50 (.138) 1.75 (.069) 4.00 (.157)
2.00 (.079)
4.00 (.157)
1.50 (.059)
—
0.25 (.010)
2.40 (.094)
CM45
3.60 (.142) 4.90 (.193) 12.00 (.472) 5.50 (.217) 1.75 (.069) 8.00 (.315)
2.00 (.079)
4.00 (.157)
1.50 (.059)
—
0.30 (.012)
3.50 (.138)
CM16, CM20, CM25, CM32
CM45
Model
A
B
C
D
E
W
CM10 ~ CM32
178 (7.008)
60 min.
13 (.512)
21 (.827)
2 (.079)
9 (.354)
CM45
178 (7.008)
60 min.
13 (.512)
21 (.827)
2 (.079)
13 (.512)
Model
Quantity
Weight
CM10
10000 pcs
150 g
CM16
3000 pcs
90 g
CM20
3000 pcs
90 g
Model
Quantity
Weight
CM25
2000 pcs
100 g
CM32
2000 pcs
190 g
CM45
500 pcs
100 g
B
A
W
D
C
E
P1
P2
P3
A
D1
DIA.
B
ØDo
W
F
E
t2
t1
Tape running direction
Chip
Component
P1
P2
P3
A
B
ØDo
W
F
E
t2
t1
Chip
Component
Tape running direction
t2
P1
P2
P3
A
B
ØDo
W
F
E
Chip
Component
Paper
Carrier
Tape
Tape running direction
CM10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com