Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM453232-R561L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CM453232-R561L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R561L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CM453232-R561L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R561L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
Soldering Profiles
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
CM16, CM10
CM45, CM32, CM25, CM20
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
150 °C
183 °C
170 °C
Ramp Down
5 °C/second
<1> 245 °C
<1> 5 seconds maximum
at +245 °C
Ramp Up
4 °C/second maximum
10 seconds minimum



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com