Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX913P-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # EE-SX913P-R
Description  Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX913P-R Datasheet(HTML) 8 Page - Omron Electronics LLC

  EE-SX913P-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EE-SX91
8
Dimensions (Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Photomicrosensors
6
24
Optical axis
Optical axis
Sensing window
3
EE-SX910-R
1.2
0.8
5.8
Indicator window
5
3.7
13.4
8.3
2.7
5
4.6
dia.
(2)
2.3
18.7
Two, 3.2 dia.
6.5
12
8
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia. insulator);
Standard length: 1 m
EE-SX910-R
EE-SX910P-R
Optical axis
Optical axis
Indicator window
Sensing
window
(2)
10
6.9
3.7
2
3
5
0.8
1.75
1.6
3.2
8
6 12
6
1.2
13.4
4
12
6.5
EE-SX911-R
(Four, R1.6)
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.
insulator);
Standard length: 1 m
EE-SX911-R
EE-SX911P-R
Sensing window
Optical axis
Optical axis
Indicator window
EE-SX912-R
1.95
1.6
3.2
2 dia.
4.6 dia.
3.7
11.7
6.2
12
8
5
13.4
3
5
(2)
4
1.5
6.7
1.2
2.3
0.8
8.3
6.5
(R1.6)
6
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.
insulator);
Standard length: 1 m
*
* The lug is used to prevent turning. When installing, make a fixed hole of 2.1 to 2.3 mm dia.
EE-SX912-R
EE-SX912P-R
*
Indicator window
Optical axis
Optical axis
Sensing window
5
13.4
3.7
2 dia.
2.3
4.6 dia.
8
12
1.5
(2)
6.7
4
6
11.7
3
5
6.2
3.2
1.6
1.95
1.2
0.8
EE-SX913-R
(R1.6)
8.3
6.5
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.insulator);
Standard length: 1 m
* The lug is used to prevent turning. When installing, make a fixed hole
of 2.1 to 2.3 mm dia.
EE-SX913-R
EE-SX913P-R
Two, 3.2 dia.
Indicator window
Indicator window
Sensing window
Optical axis
Optical axis
16
6.5
11.5
13.4
5
3.7
(2)
1.2
0.8
6
3
8.3
8.3
8
EE-SX914-R
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia. insulator);
Standard length: 1 m
EE-SX914-R
EE-SX914P-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com