Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX913P-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX913P-R
Description  Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX913P-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX913P-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EE-SX91
2
Ordering Information
List of Models
Models with Robot Cables
* Prewired models with a 3-m cable are also available. When ordering, specify the cable length by adding “3M” for the end of the model number (e.g., EE-SX910-R 3M).
Appearance
Sensing
method
Sensing
distance
Output
configuration
Indicator
mode
Connecting
method
(Cable length)
Model
NPN output
PNP output
Standard
Through-
beam type
(with slot)
Light-ON
Dark-ON
(2 outputs)
Lit when light
is incident
Pre-wired models
(1 m)
EE-SX910-R 1M *
EE-SX910P-R 1M *
L-shaped
EE-SX911-R 1M *
EE-SX911P-R 1M *
F-shaped
EE-SX912-R 1M *
EE-SX912P-R 1M *
R-shaped
EE-SX913-R 1M *
EE-SX913P-R 1M *
U-shaped
EE-SX914-R 1M *
EE-SX914P-R 1M *
Infrared light
5 mm
(slot width)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com