Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX913P-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EE-SX913P-R
Description  Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX913P-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  EE-SX913P-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX913P-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EE-SX91
5
I/O Circuit Diagrams
Output
type
Model
Output transistor
operation status
Timing charts
Output circuit
NPN
output
EE-SX910-R
EE-SX911-R
EE-SX912-R
EE-SX913-R
EE-SX914-R
OUT1: Light-ON
OUT2: Dark-ON
PNP
output
EE-SX910P-R
EE-SX911P-R
EE-SX912P-R
EE-SX913P-R
EE-SX914P-R
Light incident
Light interrupted
GND (0 V)
OUT2
OUT1
(Control
output)
(Control output)
Vcc
Load 1
5 to
24 VDC
Load 2
Main
circuit
Light indicator
(orange)
ON
OFF
Light indicator
(orange)
ON
OFF
Output 1
transistor
Operates
Releases
Load 1
(e.g., relay)
GND (0 V)
OUT2
OUT1
(Control
output)
(Control output)
Vcc
Load 1
5 to
24 VDC
Load 2
Main
circuit
Light indicator
(orange)
ON
OFF
Output 2
transistor
Load 2
Operates
Releases
(e.g., relay)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com