Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ATPUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD03ATPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ATPUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD03ATPUR Datasheet HTML 8Page - STMicroelectronics STOD03ATPUR Datasheet HTML 9Page - STMicroelectronics STOD03ATPUR Datasheet HTML 10Page - STMicroelectronics STOD03ATPUR Datasheet HTML 11Page - STMicroelectronics STOD03ATPUR Datasheet HTML 12Page - STMicroelectronics STOD03ATPUR Datasheet HTML 13Page - STMicroelectronics STOD03ATPUR Datasheet HTML 14Page - STMicroelectronics STOD03ATPUR Datasheet HTML 15Page - STMicroelectronics STOD03ATPUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Detailed description
STOD03A
12/22
DocID17785 Rev 3
6
Detailed description
6.1
SWIRE
•
Protocol: to digitally communicate over a single cable with single-wire components
•
Single-wire’s 3 components:
1.
An external MCU
2.
Wiring and associated connectors
3.
STOD13AS device with a dedicated single-wire pin.
6.1.1
SWIRE features and benefits
•
Fully digital signal
•
No handshake needed
•
Protection against glitches and spikes though an internal low pass filter acting on falling
edges
•
Uses a single wire (plus analog ground) to accomplish both communication and power
control transmission
•
Simplify design with an interface protocol that supplies control and signaling over a
single-wire connection to set the output voltages.
6.1.2
SWIRE protocol
•
Single-wire protocol uses conventional CMOS/TTL logic levels (maximum 0.6 V for
logic “zero” and a minimum 1.2 V for logic “one”) with operation specified over a supply
voltage range of 2.5 V to 4.5 V
•
Both master (MCU) and slave (STOD13AS) are configured to permit bit sequential data
to flow only in one direction at a time; master initiates and controls the device
•
Data is bit-sequential with a START bit and a STOP bit
•
Signal is transferred in real time
•
System clock is not required; each single-wire pulse is self-clocked by the oscillator
integrated in the master and is asserted valid within a frequency range of 250 kHz
(maximum).
6.1.3
SWIRE basic operations
•
The negative output voltage levels are selectable within a wide range (steps of 100 mV)
•
The device can be enabled / disabled via SWIRE in combination with the Enable pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com