Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ATPUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STOD03ATPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ATPUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STOD03ATPUR Datasheet HTML 13Page - STMicroelectronics STOD03ATPUR Datasheet HTML 14Page - STMicroelectronics STOD03ATPUR Datasheet HTML 15Page - STMicroelectronics STOD03ATPUR Datasheet HTML 16Page - STMicroelectronics STOD03ATPUR Datasheet HTML 17Page - STMicroelectronics STOD03ATPUR Datasheet HTML 18Page - STMicroelectronics STOD03ATPUR Datasheet HTML 19Page - STMicroelectronics STOD03ATPUR Datasheet HTML 20Page - STMicroelectronics STOD03ATPUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID17785 Rev 3
17/22
STOD03A
Application information
22
are in an OFF state so the load is electrically disconnected from the input, this avoids
unwanted current leakage from the input to the load.
When the EN is pulled high, the P1B switch is turned on for 100 µs. In normal operation,
during this time, apart from a small drop due to parasitic resistance, VMID reaches VIN.
If, after this 100 µs, VMID stays below VIN, the P1B is turned off and stays off until a new
pulse is applied to the EN. This mechanism avoids STOD03A starting if a short-circuit is
present on VMID.
7.3.3
Soft-start and inrush current limiting
After the EN pin is pulled high, or after a suitable voltage is applied to VINP, VINA, and EN,
the device initiates the startup phase.
As a first step, the CMID capacitor is charged and the P1B switch implements a current
limiting technique in order to keep the charge current below 400 mA. This avoids the battery
overloading during startup.
After VMID reaches VINP voltage level, the P1B switch is fully turned on and the soft-start
procedure for the step-up is started. After about 2 ms the soft-start for the inverting is
started. The positive and negative voltage is under regulation by around 6 ms after the EN
pin is asserted high.
7.3.4
Undervoltage lockout
The undervoltage lockout function avoids improper operation of STOD03A when the input
voltage is not high enough. When the input voltage is below the UVLO threshold the device
is in shutdown mode. The hysteresis of 50 mV avoids unstable operation when the input
voltage is close to the UVLO threshold.
7.3.5
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature.
If the IC temperature exceeds 140 °C, typical, the device stops operating. As soon as the
temperature falls below 125 °C, typical, normal operation is restored.
7.3.6
Fast discharge
When ENABLE turns from high to low level, the device goes into shutdown mode and LX1
and LX2 stop switching. Then, the discharge switch between VMID and VIN and the switch
between VO2 and GND turn on and discharge the positive output voltage and negative
output voltage. When the output voltages are discharged to 0 V, the switches turn off and
the outputs are high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com