Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ATPUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STOD03ATPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ATPUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STOD03ATPUR Datasheet HTML 10Page - STMicroelectronics STOD03ATPUR Datasheet HTML 11Page - STMicroelectronics STOD03ATPUR Datasheet HTML 12Page - STMicroelectronics STOD03ATPUR Datasheet HTML 13Page - STMicroelectronics STOD03ATPUR Datasheet HTML 14Page - STMicroelectronics STOD03ATPUR Datasheet HTML 15Page - STMicroelectronics STOD03ATPUR Datasheet HTML 16Page - STMicroelectronics STOD03ATPUR Datasheet HTML 17Page - STMicroelectronics STOD03ATPUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Application information
STOD03A
14/22
DocID17785 Rev 3
7
Application information
7.1
External passive components
7.1.1
Inductor selection
The inductor is the key passive component for switching converters.
For the step-up converter an inductance between 4.7 µH and 6.8 µH is recommended.
For the inverting stage the suggested inductance ranges from 2.2 µH to 4.7 µH.
It is very important to select the right inductor according to the maximum current the inductor
can handle to avoid saturation. The step-up and the inverting peak current can be calculated
as follows:
Equation 1
Equation 2
where
VMID: step-up output voltage, fixed at 4.6 V;
VO2: inverting output voltage including sign (minimum value is the absolute maximum
value);
IO: output current for both DC-DC converters;
VIN: input voltage for the STOD03A;
fs: switching frequency. Use the minimum value of 1.2 MHz for the worst case;
η1: efficiency of step-up converter. Typical value is 0.85;
η2: efficiency of inverting converter. Typical value is 0.75.
The negative output voltage can be set via SWIRE at - 5.4 V. Accordingly, the inductor peak
current, at the maximum load condition, increases. A proper inductor, with a saturation
current as a minimum of 1 A, is preferred.
7.1.2
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors in
order to filter any disturbance present in the input line and to obtain stable operation for the
two switching converters. A minimum real capacitance value of 2 µF must be guaranteed for
CMID and CO2 in all conditions. Considering tolerance, temperature variation, and DC
polarization, a 4.7 µF 10 V capacitor can be used to achieve the required 2 µF.
1
L
fs
V
2
)
VIN
V
(
VIN
VIN
1
I
V
I
MID
MIN
MID
MIN
MIN
OUT
MID
BOOST
PEAK
×
×
×
−
×
+
×
η
×
=
−
2
)
2
(
2
2
2
)
2
(
L
fs
VIN
VO
VO
VIN
VIN
I
VO
VIN
I
MIN
MIN
MIN
MIN
MIN
OUT
MIN
MIN
INVERTING
PEAK
x
x
-
x
x
+
x
x
-
=
-
η
2
)
2
(
2
2
2
)
2
(
L
fs
VIN
VO
VO
VIN
VIN
I
VO
VIN
I
MIN
MIN
MIN
MIN
MIN
OUT
MIN
MIN
INVERTING
PEAK
x
x
-
x
x
+
x
x
-
=
-
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com