Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 258 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 258 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 256
Preliminary
© 2007 Microchip Technology Inc.
19.7
Use of the CCP1 Trigger
An A/D conversion can be started by the “special event
trigger” of the ECCP1 module. This requires that the
ECCP1M3:ECCP1M0
bits
(ECCP1CON<3:0>)
be
programmed as ‘1011’ and that the A/D module is
enabled (ADON bit is set). When the trigger occurs, the
GO/DONE bit will be set, starting the A/D acquisition
and conversion and the Timer1 (or Timer3) counter will
be reset to zero. Timer1 (or Timer3) is reset to automat-
ically repeat the A/D acquisition period with minimal
software overhead (moving ADRESH/ADRESL to the
desired
location).
The
appropriate
analog
input
channel must be selected and the minimum acquisition
period is either timed by the user, or an appropriate
TACQ time selected before the “special event trigger”
sets the GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), the
“special event trigger” will be ignored by the A/D
module, but will still reset the Timer1 (or Timer3)
counter.
TABLE 19-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
52
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
52
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
52
IPR2
OSCFIP
CMIP(5)
—
EEIP
BCLIP
HLVDIP
TMR3IP
ECCP1IP(5)
51
PIR2
OSCFIF
CMIF(5)
—
EEIF
BCLIF
HLVDIF
TMR3IF
ECCP1IF(5)
51
PIE2
OSCFIE
CMIE(5)
—
EEIE
BCLIE
HLVDIE
TMR3IE
ECCP1IE(5)
52
ADRESH
A/D Result Register High Byte
50
ADRESL
A/D Result Register Low Byte
50
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
50
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
50
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
50
PORTA
RA7(2)
RA6(2)
RA5
RA4
RA3
RA2
RA1
RA0
52
TRISA
TRISA7(2) TRISA6(2) PORTA Data Direction Register
52
PORTB
Read PORTB pins, Write LATB Latch
52
TRISB
PORTB Data Direction Register
52
LATB
PORTB Output Data Latch
52
PORTE(4)
—
—
—
—RE3(3)
Read PORTE pins, Write LATE(1)
52
TRISE(4)
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction
52
LATE(4)
—
—
—
—
—
LATE2
LATE1
LATE0
52
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1:
These bits are unimplemented on PIC18F2X8X devices; always maintain these bits clear.
2:
These pins may be configured as port pins depending on the oscillator mode selected.
3:
RE3 port bit is available only as an input pin when the MCLRE Configuration bit is ‘0’.
4:
These registers are not implemented on PIC18F2X8X devices.
5:
These bits are available on PIC18F4X8X and reserved on PIC18F2X8X devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com