Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 52
Preliminary
© 2007 Microchip Technology Inc.
PIE2
2585 2680 4585 4680
00-0 0000
00-0 0000
uu-u uuuu
2585 2680 4585 4680
0--0 000-
0--0 000-
u--u uuu-
IPR1
2585 2680 4585 4680
1111 1111
1111 1111
uuuu uuuu
2585 2680 4585 4680
-111 1111
-111 1111
-uuu uuuu
PIR1
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu(1)
2585 2680 4585 4680
-000 0000
-000 0000
-uuu uuuu
PIE1
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
2585 2680 4585 4680
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2585 2680 4585 4680
--00 0000
--00 0000
--uu uuuu
TRISE
2585 2680 4585 4680
0000 -111
0000 -111
uuuu -uuu
TRISD
2585 2680 4585 4680
1111 1111
1111 1111
uuuu uuuu
TRISC
2585 2680 4585 4680
1111 1111
1111 1111
uuuu uuuu
TRISB
2585 2680 4585 4680
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2585 2680 4585 4680
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATE
2585 2680 4585 4680
---- -xxx
---- -uuu
---- -uuu
LATD
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2585 2680 4585 4680
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTE
2585 2680 4585 4680
---- x000
---- x000
---- uuuu
PORTD
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2585 2680 4585 4680
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
ECANCON
2585 2680 4585 4680
0001 0000
0001 0000
uuuu uuuu
TXERRCNT
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXERRCNT
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
COMSTAT
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
CIOCON
2585 2680 4585 4680
--00 ----
--00 ----
--uu ----
BRGCON3
2585 2680 4585 4680
00-- -000
00-- -000
uu-- -uuu
BRGCON2
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
BRGCON1
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com