Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 47Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 48Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 49Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 49
PIC18F2585/2680/4585/4680
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
2585 2680 4585 4680
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
2585 2680 4585 4680
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2585 2680 4585 4680
---0 0000
---0 0000
---u uuuu
PCLATH
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
PCL
2585 2680 4585 4680
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2585 2680 4585 4680
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
TABLAT
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
PRODH
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2585 2680 4585 4680
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
2585 2680 4585 4680
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
2585 2680 4585 4680
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2585 2680 4585 4680
N/A
N/A
N/A
POSTINC0
2585 2680 4585 4680
N/A
N/A
N/A
POSTDEC0
2585 2680 4585 4680
N/A
N/A
N/A
PREINC0
2585 2680 4585 4680
N/A
N/A
N/A
PLUSW0
2585 2680 4585 4680
N/A
N/A
N/A
FSR0H
2585 2680 4585 4680
---- 0000
---- 0000
---- uuuu
FSR0L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2585 2680 4585 4680
N/A
N/A
N/A
POSTINC1
2585 2680 4585 4680
N/A
N/A
N/A
POSTDEC1
2585 2680 4585 4680
N/A
N/A
N/A
PREINC1
2585 2680 4585 4680
N/A
N/A
N/A
PLUSW1
2585 2680 4585 4680
N/A
N/A
N/A
FSR1H
2585 2680 4585 4680
---- 0000
---- 0000
---- uuuu
FSR1L
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com