Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 60Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 61Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 62Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 63Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 64Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 59
PIC18F2585/2680/4585/4680
BSEL0(6)
2585 2680 4585 4680
0000 00--
0000 00--
uuuu uu--
MSEL3(6)
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
MSEL2(6)
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
MSEL1(6)
2585 2680 4585 4680
0000 0101
0000 0101
uuuu uuuu
MSEL0(6)
2585 2680 4585 4680
0101 0000
0101 0000
uuuu uuuu
SDFLC(6)
2585 2680 4585 4680
---0 0000
---0 0000
-u-- uuuu
RXFCON1(6)
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFCON0(6)
2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFBCON7(6) 2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFBCON6(6) 2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFBCON5(6) 2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFBCON4(6) 2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFBCON3(6) 2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXFBCON2(6) 2585 2680 4585 4680
0001 0001
0001 0001
uuuu uuuu
RXFBCON1(6) 2585 2680 4585 4680
0001 0001
0001 0001
uuuu uuuu
RXFBCON0(6) 2585 2680 4585 4680
0000 0000
0000 0000
uuuu uuuu
RXF15EIDL(6)
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF15EIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF15SIDL(6)
2585 2680 4585 4680
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF15SIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF14EIDL(6)
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF14EIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF14SIDL(6)
2585 2680 4585 4680
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF14SIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13EIDL(6)
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13EIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13SIDL(6)
2585 2680 4585 4680
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF13SIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12EIDL(6)
2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12EIDH(6) 2585 2680 4585 4680
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12SIDL(6)
2585 2680 4585 4680
xxx- x-xx
uuu- u-uu
uuu- u-uu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com