Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 278 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 278 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 274Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 275Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 276Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 277Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 278Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 279Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 280Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 281Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 276
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 23-1:
CANCON: CAN CONTROL REGISTER
Mode 0
R/W-1
R/W-0
R/W-0
R/S-0
R/W-0
R/W-0
R/W-0
U-0
REQOP2
REQOP1
REQOP0
ABAT
WIN2
WIN1
WIN0
—
Mode 1
R/W-1
R/W-0
R/W-0
R/S-0
U-0
U-0
U-0
U-0
REQOP2
REQOP1
REQOP0
ABAT
—
—
—
—
Mode 2
R/W-1
R/W-0
R/W-0
R/S-0
R-0
R-0
R-0
R-0
REQOP2
REQOP1
REQOP0
ABAT
FP3
FP2
FP1
FP0
bit 7
bit 0
bit 7-5
REQOP2:REQOP0: Request CAN Operation Mode bits
1xx
= Request Configuration mode
011
= Request Listen Only mode
010
= Request Loopback mode
001
= Request Disable mode
000
= Request Normal mode
bit 4
ABAT: Abort All Pending Transmissions bit
1
= Abort all pending transmissions (in all transmit buffers)
0
= Transmissions proceeding as normal
bit 3-1
Mode 0:
WIN2:WIN0: Window Address bits
These bits select which of the CAN buffers to switch into the access bank area. This allows
access to the buffer registers from any data memory bank. After a frame has caused an
interrupt, the ICODE3:ICODE0 bits can be copied to the WIN3:WIN0 bits to select the correct
buffer. See Example 23-2 for a code example.
111
= Receive Buffer 0
110
= Receive Buffer 0
101
= Receive Buffer 1
100
= Transmit Buffer 0
011
= Transmit Buffer 1
010
= Transmit Buffer 2
001
= Receive Buffer 0
000
= Receive Buffer 0
bit 0
Unimplemented: Read as ‘0’
bit 4-0
Mode 1:
Unimplemented: Read as ‘0’
Mode 2:
FP3:FP0: FIFO Read Pointer bits
These bits point to the message buffer to be read.
0111:0000
= Message buffer to be read
1111:1000
= Reserved
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com