Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 296 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 296 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 292Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 293Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 294Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 295Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 296Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 297Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 298Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 299Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 294
Preliminary
© 2007 Microchip Technology Inc.
23.2.3.1
Programmable TX/RX and
Auto-RTR Buffers
The ECAN module contains 6 message buffers that can
be programmed as transmit or receive buffers. Any of
these buffers can also be programmed to automatically
handle RTR messages.
REGISTER 23-22: BnCON: TX/RX BUFFER n CONTROL REGISTERS IN RECEIVE MODE
[0
≤ n ≤ 5, TXnEN (BSEL0<n>) = 0](1)
Note:
These registers are not used in Mode 0.
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
RXFUL(2)
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
bit 7
bit 0
bit 7
RXFUL: Receive Full Status bit(2)
1
= Receive buffer contains a received message
0
= Receive buffer is open to receive a new message
bit 6
RXM1: Receive Buffer Mode bit
1
= Receive all messages including partial and invalid (acceptance filters are ignored)
0
= Receive all valid messages as per acceptance filters
bit 5
RXRTRRO: Read-Only Remote Transmission Request for Received Message bit
1
= Received message is a remote transmission request
0
= Received message is not a remote transmission request
bit 4-0
FILHIT4:FILHIT0: Filter Hit bits
These bits indicate which acceptance filter enabled the last message reception into this buffer.
01111
= Acceptance Filter 15 (RXF15)
01110
= Acceptance Filter 14 (RXF14)
...
00001
= Acceptance Filter 1 (RXF1)
00000
= Acceptance Filter 0 (RXF0)
Note 1: These registers are available in Mode 1 and 2 only.
2: This bit is set by the CAN module upon receiving a message and must be cleared
by software after the buffer is read. As long as RXFUL is set, no new message will
be loaded and the buffer will be considered full.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com