Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 343 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 343 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 339Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 340Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 341Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 342Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 343Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 344Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 345Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 346Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 347Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 341
PIC18F2585/2680/4585/4680
23.15.5
BUS ACTIVITY WAKE-UP
INTERRUPT
When the PIC18F2585/2680/4585/4680 devices are in
Sleep mode and the bus activity wake-up interrupt is
enabled, an interrupt will be generated and the WAKIF
bit will be set when activity is detected on the CAN bus.
This interrupt causes the PIC18F2585/2680/4585/
4680 devices to exit Sleep mode. The interrupt is reset
by the MCU, clearing the WAKIF bit.
23.15.6
ERROR INTERRUPT
When the error interrupt is enabled, an interrupt is
generated if an overflow condition occurs or if the error
state of the transmitter or receiver has changed. The
error flags in COMSTAT will indicate one of the
following conditions.
23.15.6.1
Receiver Overflow
An overflow condition occurs when the MAB has
assembled a valid received message (the message
meets the criteria of the acceptance filters) and the
receive buffer associated with the filter is not available
for loading of a new message. The associated
RXBnOVFL bit in the COMSTAT register will be set to
indicate the overflow condition. This bit must be cleared
by the MCU.
23.15.6.2
Receiver Warning
The receive error counter has reached the MCU
warning limit of 96.
23.15.6.3
Transmitter Warning
The transmit error counter has reached the MCU
warning limit of 96.
23.15.6.4
Receiver Bus Passive
The receive error counter has exceeded the error-
passive limit of 127 and the device has gone to
error-passive state.
23.15.6.5
Transmitter Bus Passive
The transmit error counter has exceeded the error-
passive limit of 127 and the device has gone to
error-passive state.
23.15.6.6
Bus-Off
The transmit error counter has exceeded 255 and the
device has gone to bus-off state.
23.15.6.7
Interrupt Acknowledge
Interrupts are directly associated with one or more
status flags in the PIR register. Interrupts are pending
as long as one of the flags is set. Once an interrupt flag
is set by the device, the flag can not be reset by the
microcontroller until the interrupt condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com