Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISOSQTP Datasheet(PDF) 451 Page - Microchip Technology

Part # PIC18F2680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP Datasheet(HTML) 451 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 447Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 448Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 449Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 450Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 451Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 452Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 453Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 454Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 455Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 449
PIC18F2585/2680/4585/4680
TABLE 27-24: A/D CONVERTER CHARACTERISTICS: PIC18F2585/2680/4585/4680 (INDUSTRIAL)
PIC18LF2585/2680/4585/4680 (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
—
—
10
bit
ΔVREF ≥ 3.0V
A03
EIL
Integral Linearity Error
—
—
<±1
LSb
ΔVREF ≥ 3.0V
A04
EDL
Differential Linearity Error
—
—
<±1
LSb
ΔVREF ≥ 3.0V
A06
EOFF
Offset Error
—
—
<±1
LSb
ΔVREF ≥ 3.0V
A07
EGN
Gain Error
—
—
<±1
LSb
ΔVREF ≥ 3.0V
A10
—
Monotonicity
Guaranteed(1)
—
A20
ΔVREF Reference Voltage Range
(VREFH – VREFL)
3—
AVDD – AVSS
V
For 10-bit resolution
A21
VREFH
Reference Voltage High
AVSS + 3.0V
—
AVDD + 0.3V
V
For 10-bit resolution
A22
VREFL
Reference Voltage Low
AVSS – 0.3V
—
AVDD – 3.0V
V
For 10-bit resolution
A25
VAIN
Analog Input Voltage
VREFL
—VREFH
V
A28
AVDD
Analog Supply Voltage
VDD – 0.3
—
VDD + 0.3
V
A29
AVSS
Analog Supply Voltage
VSS – 0.3
—
VSS + 0.3
V
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
——
2.5
k
Ω
A40
IAD
A/D Conversion
Current (VDD)
PIC18FXXXX
—
180
—
μA Average current
consumption when
A/D is on (Note 2)
PIC18LFXXXX
—
90
—
μAVDD = 2.0V;
average current
consumption when
A/D is on (Note 2)
A50
IREF
VREF Input Current (Note 3)
—
—
—
—
±5
±150
μA
μA
During VAIN acquisition.
During A/D conversion
cycle.
Note 1:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
2:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current
spec includes any such leakage from the A/D module.
3:
VREFH current is from RA3/AN3/VREF+ pin or AVDD, whichever is selected as the VREFH source.
VREFL current is from RA2/AN2/VREF- pin or AVSS, whichever is selected as the VREFL source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com