Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M100ST Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20M100ST
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M100ST Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20M100ST Datasheet HTML 1Page - STMicroelectronics STPS20M100ST Datasheet HTML 2Page - STMicroelectronics STPS20M100ST Datasheet HTML 3Page - STMicroelectronics STPS20M100ST Datasheet HTML 4Page - STMicroelectronics STPS20M100ST Datasheet HTML 5Page - STMicroelectronics STPS20M100ST Datasheet HTML 6Page - STMicroelectronics STPS20M100ST Datasheet HTML 7Page - STMicroelectronics STPS20M100ST Datasheet HTML 8Page - STMicroelectronics STPS20M100ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS20M100S
Characteristics
Doc ID 15521 Rev 2
3/11
Figure 2.
Average forward power dissipation
versus average forward current
Figure 3.
Average forward current versus
ambient temperature (
δ = 0.5)
PF(av)(W)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
I (av)(A)
F
IF(av)(A)
0
2
4
6
8
10
12
14
16
18
20
22
0
25
50
75
100
125
150
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
T
δ=tp/T
tp
TO-220AB/I²PAK/D ²PAK
TO-220FPAB
T
(°C)
amb
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Normalized avalanche power
derating versus junction
temperature
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0.001
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(T )
P
(25°C)
ARM
j
ARM
Figure 6.
Non repetitive surge peak forward
current versus overload
duration, maximum values
Figure 7.
Non repetitive surge peak forward
current versus overload duration,
maximum values
IM(A)
0
40
80
120
160
200
240
280
1.E-03
1.E-02
1.E-01
1.E+00
TC=25°C
TC=75°C
TC=125°C
IM
t
δ =0.5
TO-220AB/I²PAK/D ²PAK
t(s)
Terminals 1 and 3 short circuited
IM(A)
0
20
40
60
80
100
120
140
1.E-03
1.E-02
1.E-01
1.E+00
TC=25°C
TC=75°C
TC=125°C
IM
t
δ =0.5
TO-220FPAB
t(s)
Terminals 1 and 3 short circuited



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com