Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M100ST Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20M100ST
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M100ST Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20M100ST Datasheet HTML 1Page - STMicroelectronics STPS20M100ST Datasheet HTML 2Page - STMicroelectronics STPS20M100ST Datasheet HTML 3Page - STMicroelectronics STPS20M100ST Datasheet HTML 4Page - STMicroelectronics STPS20M100ST Datasheet HTML 5Page - STMicroelectronics STPS20M100ST Datasheet HTML 6Page - STMicroelectronics STPS20M100ST Datasheet HTML 7Page - STMicroelectronics STPS20M100ST Datasheet HTML 8Page - STMicroelectronics STPS20M100ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS20M100S
4/11
Doc ID 15521 Rev 2
Figure 8.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 9.
Relative variation of thermal
impedance junction to case versus
pulse duration
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
TO-220AB/I²PAK/D ²PAK
tp(s)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
TO-220FPAB
tp(s)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab
Figure 11.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 12.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 13.
Forward voltage drop versus
forward current (terminals 1 and 3
short circuited)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCu(cm²)
Epoxy printed board FR4, copper thickness = 35 µm)
IR(mA)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
3040506070
8090
100
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
VR(V)
C(pF)
100
1000
10000
1
10
100
F=1MHz
VOSC=30mVRMS
Tj=25°C
VR(V)
IFM(A)
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com