Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20M100ST Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS20M100ST
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M100ST Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20M100ST Datasheet HTML 1Page - STMicroelectronics STPS20M100ST Datasheet HTML 2Page - STMicroelectronics STPS20M100ST Datasheet HTML 3Page - STMicroelectronics STPS20M100ST Datasheet HTML 4Page - STMicroelectronics STPS20M100ST Datasheet HTML 5Page - STMicroelectronics STPS20M100ST Datasheet HTML 6Page - STMicroelectronics STPS20M100ST Datasheet HTML 7Page - STMicroelectronics STPS20M100ST Datasheet HTML 8Page - STMicroelectronics STPS20M100ST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS20M100S
Characteristics
Doc ID 15521 Rev 2
5/11
Figure 14.
Reverse safe operating area (tp < 1 µs and Tj < 150 °C)
Iarm (A)
20
25
30
35
40
45
50
100
110
120
130
140
150
Operating area
Forbidden area
Varm (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com