Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4L06Q Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH4L06Q
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4L06Q Datasheet(HTML) 2 Page - STMicroelectronics

  STTH4L06Q Datasheet HTML 1Page - STMicroelectronics STTH4L06Q Datasheet HTML 2Page - STMicroelectronics STTH4L06Q Datasheet HTML 3Page - STMicroelectronics STTH4L06Q Datasheet HTML 4Page - STMicroelectronics STTH4L06Q Datasheet HTML 5Page - STMicroelectronics STTH4L06Q Datasheet HTML 6Page - STMicroelectronics STTH4L06Q Datasheet HTML 7Page - STMicroelectronics STTH4L06Q Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH4L06
2/8
Doc ID 16276 Rev 1
1
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 0.92 x IF(AV) + 0.045 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current
4
A
IFSM
Surge non repetitive forward current
tp = 8.3 ms sinusoidal
80
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Maximum
Unit
Rth(j-l)
Junction to lead
Terminal length = 10 mm
DO-15
25
°C/W
DO-201AD
20
Rth(j-a)
Junction to ambient
DO-15
80
°C/W
DO-201AD
75
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
3
µA
Tj= 150 °C
-
15
100
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 3 A
-
-
1.30
V
Tj = 150 °C
-
0.85
1.05
Tj = 150 °C
IF = 4 A
-
0.90
1.10
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
dIF/dt = -50 A/µs
IF = 1 A, VR = 30 V
-55
75
ns
dIF/dt = -100 A/µs
-
40
55
IRM
Reverse recovery current
Tj = 25 °C
IF = 4 A, VR = 400 V,
dIF/dt = -100 A/µs
-3
4
A
Tj = 150 °C
-
5
6.5
tfr
Forward recovery time
IF = 4 A, dIF/dt = 100 A/µs,
VFR = 1.1 x VFmax
--
130
ns
VFP
Forward recovery voltage
IF = 4 A, dIF/dt = 100 A/µs
-
-
7.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com