Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4L06Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH4L06Q
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4L06Q Datasheet(HTML) 4 Page - STMicroelectronics

  STTH4L06Q Datasheet HTML 1Page - STMicroelectronics STTH4L06Q Datasheet HTML 2Page - STMicroelectronics STTH4L06Q Datasheet HTML 3Page - STMicroelectronics STTH4L06Q Datasheet HTML 4Page - STMicroelectronics STTH4L06Q Datasheet HTML 5Page - STMicroelectronics STTH4L06Q Datasheet HTML 6Page - STMicroelectronics STTH4L06Q Datasheet HTML 7Page - STMicroelectronics STTH4L06Q Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH4L06
4/8
Doc ID 16276 Rev 1
Figure 7.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0
50
100
150
200
250
300
350
400
450
500
550
600
0
20
40
60
80
100
120
140
160
180
200
VR=400V
Tj=150 °C
I
F = 2 x IF(AV)
I
F = IF(AV)
I
F = 0.5 x IF(AV)
dI /dt(A/µs)
F
Q (nC)
rr
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
50
75
100
125
IRM
Qrr
IF=IF(AV)
VR=400V
Reference: Tj=150 °C
T (°C)
j
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under lead (DO-201AD)
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
IF=IF(AV)
Tj=125°C
V
(V)
FP
dI /dt(A/µs)
F
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
120
140
160
180
200
IF=IF(AV)
VFR=1.1 x VF max.
Tj=125°C
dI /dt(A/µs)
F
t (ns)
fr
1
10
100
1
10
100
1000
F=1MHz
Vosc=30mVRMS
Tj=25°C
C(pF)
V (V)
R
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DO-201AD
R
(°C/W)
th(j-a)
S
(cm²)
CU
Epoxy printed circuit FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com