Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4L06Q Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH4L06Q
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4L06Q Datasheet(HTML) 3 Page - STMicroelectronics

  STTH4L06Q Datasheet HTML 1Page - STMicroelectronics STTH4L06Q Datasheet HTML 2Page - STMicroelectronics STTH4L06Q Datasheet HTML 3Page - STMicroelectronics STTH4L06Q Datasheet HTML 4Page - STMicroelectronics STTH4L06Q Datasheet HTML 5Page - STMicroelectronics STTH4L06Q Datasheet HTML 6Page - STMicroelectronics STTH4L06Q Datasheet HTML 7Page - STMicroelectronics STTH4L06Q Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH4L06
Characteristics
Doc ID 16276 Rev 1
3/8
Figure 1.
Conduction losses versus average
current
Figure 2.
Forward voltage drop versus
forward current
Figure 3.
Relative variation of thermal
impedance junction ambient versus
pulse duration (DO-201AD)
Figure 4.
Relative variation of thermal
impedance junction ambient versus
pulse duration (DO-15)
Figure 5.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 6.
Reverse recovery time versus dIF/dt
(typical values)
P(W)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
I
(A)
F(AV)
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
Tj=25°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Typical values)
Tj=150°C
(Typical values)
V
(V)
FM
I
(A)
FM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
DO-201AD
Lleads=10 mm
Z/R
th(j-a)
th(j-a)
t (s)
p
Epoxy printed circuit FR4
copper thickness = 35 µm
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
DO-15
Lleads=10 mm
t (s)
p
Z/R
th(j-a)
th(j-a)
Epoxy printed circuit FR4
copper thickness = 35 µm
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
400
450
500
VR=400V
Tj=150 °C
I
F = 2 x IF(AV)
I
F = IF(AV)
I
F = 0.5 x IF(AV)
I
F = 0.25 x IF(AV)
I
(A)
RM
dI /dt(A/µs)
F
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
160
180
200
VR=400V
Tj=150 °C
I
F = 2 x IF(AV)
I
F = IF(AV)
I
F = 0.5 x IF(AV)
dI /dt(A/µs)
F
t (ns)
rr



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com