Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8301 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AMT8301
Description  2.125Gb/s Integrated 850nm MSM-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8301 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AMT8301 Datasheet HTML 1Page - ANADIGICS, Inc AMT8301 Datasheet HTML 2Page - ANADIGICS, Inc AMT8301 Datasheet HTML 3Page - ANADIGICS, Inc AMT8301 Datasheet HTML 4Page - ANADIGICS, Inc AMT8301 Datasheet HTML 5Page - ANADIGICS, Inc AMT8301 Datasheet HTML 6Page - ANADIGICS, Inc AMT8301 Datasheet HTML 7Page - ANADIGICS, Inc AMT8301 Datasheet HTML 8Page - ANADIGICS, Inc AMT8301 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AMT8301
Data Sheet - Revision 0
03/01
Figure 2: Eye Diagram with an Optical Input Power of -18dBm
Figure 3: Eye Diagram with an Optical Input Power of -8.0dBm
Figure 4: Eye Diagram with an Optical Input Power of 0dBm
10mV/Div
100ps/Div
60mV/Div.
100ps/Div
150mV/Div.
100ps/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com