Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8301 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8301
Description  2.125Gb/s Integrated 850nm MSM-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8301 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8301 Datasheet HTML 1Page - ANADIGICS, Inc AMT8301 Datasheet HTML 2Page - ANADIGICS, Inc AMT8301 Datasheet HTML 3Page - ANADIGICS, Inc AMT8301 Datasheet HTML 4Page - ANADIGICS, Inc AMT8301 Datasheet HTML 5Page - ANADIGICS, Inc AMT8301 Datasheet HTML 6Page - ANADIGICS, Inc AMT8301 Datasheet HTML 7Page - ANADIGICS, Inc AMT8301 Datasheet HTML 8Page - ANADIGICS, Inc AMT8301 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AMT8301
Data Sheet - Revision 0
03/01
Table 1: Absolute Maximum Ratings
V
D
D
V
0
.
6
P
N
I
m
B
d
5
+
T
S
C
°
5
2
1
o
t
C
°
5
6
-
.
p
m
e
T
e
g
a
r
o
t
S
Table 2: Electrical Characteristics
(1) Measured at –14 dBm optical input power with output connected into R
L = 100W (differential)
(2) Measured at 10-10 BER with a 27-1 PRBS at 2.125 Gb/s
(3) Measured with a 27-1 PRBS at 2.125 Gb/s, an input optical power of -3dBm
and R
L = 100 W (differential)
(4) 6 about the center eye crossing
s
Table 3: Package PIN Description
W
l
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MT
I
N
U
)
(
h
t
g
n
e
l
e
v
a
W0
7
70
5
80
6
8m
n
r
e
t
e
m
a
i
D
r
o
t
c
e
t
e
D-
0
0
1-
m
µ
y
ti
v
i
s
n
o
p
s
e
R
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S
)
1
(
)
z
H
M
0
5
@
(0
0
0
1-
-
W
/
V
h
t
d
i
w
d
n
a
B
)
1
(
0
0
4
10
0
9
1-
z
H
M
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L-
-
0
0
3z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O-
0
4-
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
2
(
0-
-
m
B
d
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
2
(
9
1
--
-
m
B
d
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
)
3
(
-0
5
7-
V
m
T
E
S
I
R
T
d
n
a
L
L
A
F
)
%
0
8
-
0
2
(
)
3
(
-0
4
1-
s
p
n
o
it
r
o
t
s
i
D
e
l
c
y
C
y
t
u
D
)
3
(
-5
-
%
r
e
tt
i
J
l
a
t
o
T
)
4
(
,)
3
(
-0
5-
s
p
t
n
e
r
r
u
C
y
l
p
p
u
S-
5
35
5A
m
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O0
.
3
+3
.
3
+6
.
3
+s
tl
o
V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
g
n
it
a
r
e
p
O0
-
0
8C
°
n
i
Pn
o
it
p
i
r
c
s
e
Dt
n
e
m
m
o
C
1V
T
U
O
)
d
e
tr
e
v
n
I-
n
o
n
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
1
'
l
a
c
i
g
o
L
2V
D
D
e
g
a
tl
o
V
y
l
p
p
u
S
e
v
it
i
s
o
P
-s
tl
o
V
3
.
3
+
3V
T
U
O
)
d
e
tr
e
v
n
I(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
0
'
l
a
c
i
g
o
L
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com