Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT8301 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AMT8301
Description  2.125Gb/s Integrated 850nm MSM-TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8301 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AMT8301 Datasheet HTML 1Page - ANADIGICS, Inc AMT8301 Datasheet HTML 2Page - ANADIGICS, Inc AMT8301 Datasheet HTML 3Page - ANADIGICS, Inc AMT8301 Datasheet HTML 4Page - ANADIGICS, Inc AMT8301 Datasheet HTML 5Page - ANADIGICS, Inc AMT8301 Datasheet HTML 6Page - ANADIGICS, Inc AMT8301 Datasheet HTML 7Page - ANADIGICS, Inc AMT8301 Datasheet HTML 8Page - ANADIGICS, Inc AMT8301 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
T46L
TO-46 Lens
Package
FEATURES
·
Differential Output TIA
·
3.3V Operation
·
Automatic Gain Control
·
Integrated 850nm MSM Detector & TIA
·
TO-46 Ultra Flat-Window or Lens Hermetic
Package
·
High Reliability
APPLICATIONS
·
2x Fibre Channel (2.125 Gb/s)
AMT8301
2.125 Gb/s Integrated 850nm MSM-TIA
Data Sheet - Rev 0
T46F
TO-46 Ultra Flat
Window Package
US Patents: 5047728, 5646573
Charge
Pump
7.5 GHz
Osc
AGC
OUT
OUT
VDD
4
2
1
3
P
IN
Product Description
The ANADIGICS AMT8301 is a 3.3V monolithically
integrated Metal-Semiconductor-Metal (MSM)
photodetector and transimpedance amplifier (TIA)
used to convert an 850nm input optical signal into a
differential output voltage, and is manufactured in
ANADIGICS’ 6” GaAs wafer fabrication facility. The
integrated MSM and TIA receiver maximizes the
receiver performance by minimizing the
photodetector input parasitics to the TIA and
internally biasing the photodetector to achieve high
sensitivity, bandwidth and overload performance. As
an integrated product the reliability is inherently
better than a discrete solution, and both the MSM-TIA
integrated circuit and TO46 flat window and TO46
lens packaged receiver pass stringent reliability
requirements. These products are readily designed
into receivers and transceivers for 2X Fibre Channel
applications.
Figure 1: AMT8301 Equivalent Ciruit


Similar Part No. - AMT8301

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8302T56F ANADIGICS-AMT8302T56F Datasheet
260Kb / 8P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
2.125 Gb/s Integrated 850nm MSM-TIA
12/2003
AMT8304T46F ANADIGICS-AMT8304T46F Datasheet
472Kb / 12P
2.125 Gb/s Integrated 850nm MSM-TIA
12/2003
AMT8304T46L ANADIGICS-AMT8304T46L Datasheet
472Kb / 12P
2.125 Gb/s Integrated 850nm MSM-TIA
12/2003
More results

Similar Description - AMT8301

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 0
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
1.25Gb/s Integrated 850nm MSM-TIA
Rev 1
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
2.125Gb/s Integrated 850nm MSM-TIA
Rev 0
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
10Gb/s Differential TIA
logo
ANADIGICS, Inc
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
2.125 Gb/s Integrated 850nm MSM-TIA
12/2003
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
1.25 Gb/s Integrated 850nm MSM-TIA
07/01
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
2.5 Gbps PIN-TIA (850nm) 3.3V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com