Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP3003 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMP3003
Description  P-Channel Power MOSFET 75V, 100A, 8.0m, TO-263-2L/TO-263
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMP3003 Datasheet(HTML) 1 Page - ON Semiconductor

  SMP3003 Datasheet HTML 1Page - ON Semiconductor SMP3003 Datasheet HTML 2Page - ON Semiconductor SMP3003 Datasheet HTML 3Page - ON Semiconductor SMP3003 Datasheet HTML 4Page - ON Semiconductor SMP3003 Datasheet HTML 5Page - ON Semiconductor SMP3003 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
91113 TKIM TC-00002966/O2412 TKIM/53012 TKIM TC-00002772/ No. A1655-1/6
O1211 TKIM TC-00002654/21710QA TKIM TC-00002253
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SMP3003
P-Channel Power MOSFET
–75V, –100A, 8.0m
Ω, TO-263-2L/TO-263
Features
•
ON-resistance RDS(on)1=6.2m
Ω (typ.)
•
4V drive
•
Input capacitance Ciss=13400pF (typ.)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
--75
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--100
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--400
A
Allowable Power Dissipation
PD
Tc=25°C
90
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
468
mJ
Avalanche Current *2
IAV
--60
A
Note :
*1 VDD=--48V, L=100μH, IAV=--60A (Fig.1)
*2 L≤100μH, Single pulse
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--75
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--75V, VGS=0V
--10
μA
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--50A
140
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=--50A, VGS=--10V
6.2
8.0
mΩ
RDS(on)2
ID=--50A, VGS=--4V
8.0
11
mΩ
Input Capacitance
Ciss
VDS=--20V, f=1MHz
13400
pF
Output Capacitance
Coss
1000
pF
Reverse Transfer Capacitance
Crss
740
pF
Turn-ON Delay Time
td(on)
See Fig.2
95
ns
Rise Time
tr
1000
ns
Turn-OFF Delay Time
td(off)
800
ns
Fall Time
tf
820
ns
Total Gate Charge
Qg
VDS=--48V, VGS=--10V, ID=--100A
280
nC
Gate to Source Charge
Qgs
50
nC
Gate to Drain “Miller” Charge
Qgd
55
nC
Diode Forward Voltage
VSD
IS=--100A, VGS=0V
--1.0
--1.5
V
Reverse Recovery Time
trr
See Fig.3
IS=--100A, VGS=0V, di/dt=--100A/μs
120
ns
Reverse Recovery Charge
Qrr
380
nC
Ordering number : ENA1655D
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 6 of this data sheet.
TO-263


Similar Part No. - SMP3003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
405Kb / 5P
General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003_11 Datasheet
405Kb / 5P
General-Purpose Switching Device Applications
More results

Similar Description - SMP3003

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7805-TO263-2L ZPSEMI-CJ7805-TO263-2L Datasheet
684Kb / 1P
TO-263-2L Plastic-Encapsulate Voltage Regulators
CJ7812-TO263-2L ZPSEMI-CJ7812-TO263-2L Datasheet
1,021Kb / 2P
TO-263-2L Plastic-Encapsulate Voltage Regulators
CJB01N65B ZPSEMI-CJB01N65B Datasheet
345Kb / 2P
TO-263-2L Plastic-Encapsulate MOSFETS
CJB02N65 ZPSEMI-CJB02N65 Datasheet
335Kb / 2P
TO-263-2L Plastic-Encapsulate MOSFETS
logo
Xian Semipower Electron...
SW031R06ET SEMIPOWER-SW031R06ET Datasheet
728Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW035R08ET SEMIPOWER-SW035R08ET Datasheet
756Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW045R08ET SEMIPOWER-SW045R08ET Datasheet
665Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW090R08ET SEMIPOWER-SW090R08ET Datasheet
812Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW7N65DW SEMIPOWER-SW7N65DW Datasheet
617Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW055R68E7T SEMIPOWER-SW055R68E7T Datasheet
822Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Apr. 2019.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com