Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP3003 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMP3003
Description  P-Channel Power MOSFET 75V, 100A, 8.0m, TO-263-2L/TO-263
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMP3003 Datasheet(HTML) 3 Page - ON Semiconductor

  SMP3003 Datasheet HTML 1Page - ON Semiconductor SMP3003 Datasheet HTML 2Page - ON Semiconductor SMP3003 Datasheet HTML 3Page - ON Semiconductor SMP3003 Datasheet HTML 4Page - ON Semiconductor SMP3003 Datasheet HTML 5Page - ON Semiconductor SMP3003 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMP3003
No. A1655-3/6
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
Ambient Temperature, Ta --
°C
IT14184
IT15361
A S O
Drain to Source Voltage, VDS -- V
PD -- Tc
Case Temperature, Tc --
°C
0
0
20
40
60
80
100
140
120
60
70
80
90
50
30
20
40
10
100
160
IT15360
--0.1
--1.0
2
3
5
7
2
3
5
7
2
7
3
5
2
3
5
7
--10
--0.1
IDP= --400A(PW≤10μs)
ID= --100A
100
μs
1ms
10ms
100ms
DC
operation
Operation in
this area is
limited by RDS(on).
--1.0
23
5 7
2
--10
--100
35 7
2
2
35 7
10μ
s
--100
--1000
Tc=25
°C
Single pulse
Total Gate Charge, Qg -- nC
VGS -- Qg
0
50
200
150
250
100
350
300
0
--2
--4
--6
--1
--3
--5
--8
--7
--9
--10
VDS= --48V
ID= --100A
IT16506



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com