Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP3003 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMP3003
Description  P-Channel Power MOSFET 75V, 100A, 8.0m, TO-263-2L/TO-263
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMP3003 Datasheet(HTML) 4 Page - ON Semiconductor

  SMP3003 Datasheet HTML 1Page - ON Semiconductor SMP3003 Datasheet HTML 2Page - ON Semiconductor SMP3003 Datasheet HTML 3Page - ON Semiconductor SMP3003 Datasheet HTML 4Page - ON Semiconductor SMP3003 Datasheet HTML 5Page - ON Semiconductor SMP3003 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMP3003
No. A1655-4/6
Package Dimensions
SMP3003-DL-1E
D2PAK/TO-263-2L
CASE 418AP
ISSUE O
Unit : mm
1: Gate
2: Drain
3: Source
4: Drain
Land Pattern Example
Packing Type: DL
Electrical Connection
1
3
2, 4
DL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com