Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6002
Description  PCI-X 64-bit/133MHz PMC slot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6002 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6002 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
Specifications
Processor System
CPU
μFC-BGA Intel® Atom™ processor D525 1.8GHz, 1MB L2
cache, 13W TDP
Passive heatsink
Chipset
Intel® ICH8M I/O Controller Hub
Memory
Single channel unbuffered DDR3-800 SDRAM
Two SO-DIMM sockets, up to 4GB
BIOS
AMIBIOS8® 64Mbit SPI flash memory
CompactPCI Bus
PCI 32-bit/33MHz, 3.3V or 5V universal V(I/O)
Supports operation in system slot only
PICMG Standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.1 Hot Swap R2.0
PICMG 2.16 Packet Switch Backplane R1.0
Connectivity
PMC
One PCI-X 64-bit/133MHz PMC site, shares same space as
2.5” SATA drive
Ethernet
Three PCI-Express Intel® 82583V Gigabit Ethernet controllers
for three 10/100/1000BASE-T ports
Three RJ-45 ports on front panel; two are switchable to J3
for PICMG 2.16
Graphics
Integrated in Intel® Atom processor
One VGA pin header on board, switchable to RTM; front
panel VGA port available in 8HP version
Analog monitor support up to QXGA 2048x1536
pixels@60Hz, 32-bit
USB
Up to four USB 2.0 front panel ports
Six USB ports routed to rear
PS/2
Front panel PS/2 Keyboard/Mouse port (8HP version only)
One KB/MS routed to RTM
Serial Port
One RS-232/422/485 port
One addition RS-232 only for 8HP version
Additional two serial ports routed to rear
Audio
High Definition Audio signals routed to rear
Storage
SBC
One SATA direct connector for 2.5” onboard HDD
One SATA connector (7-pin) on board and one SATA routed
to rear
Onboard CompactFlash socket
RTM*
One SATA port
*Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows® XP
Microsoft Windows® 7 32/64-bit
Red Hat Enterprise Linux 6
Wind River VxWorks 6.8
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power, WDT, Hard Disk, General Purpose
Battery
Coin cell lithium battery onboard for RTC
CMOS RAM for BIOS configuration
Watchdog Timer
System Reset and NMI, with programmable interval, 1-65535
seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature, Vcore and
DC voltages
Mechanical & Environmental
Form Factor
6U 4HP/8HP CompactPCI
233.33mm x 160mm (LxW)
cPCI-6615: equipped with CompactPCI connectors J1, J2,
J3, J5
cPCI-6615D: equipped with CompactPCI connectors J1, J2,
J3, J5
Operating Temperature 0 to 60 °C
-20 to 85 °C extended temperature (cPCI-ET6615 model)
Storage Temperature
-40 to 85 °C
RH Humidity
95% non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
2 Grms random vibration between 5-500Hz in 3 axis
Power Consumption
Atom™ D525 1.8GHz, 4GB SODIMM under Windows® XP
with 100% CPU loading
Current (A)
Power (W)
5V
3.6
18.34
Total
18.34
Weight
Net weight 366g with heatsink
EMI/EMC
EN 55022 Class A, EN 55024, EN 61000-3-2, EN 61000-3-3
6U CompactPCI Intel® Atom™ Processor D525
Host Blade
cPCI-6615 Series
Features
Dual-core Intel® Atom™ processor D525
1.8GHz
Up to 4GB DDR3-800 via SO-DIMM
Up to three Gigabit Ethernet egress ports
Up to two SATA interfaces and one
CompactFlash socket onboard
PCI-X 64-bit/133MHz PMC slot
cPCI-6615
cPCI-6615D
USB
KB/MS
VGA
PMC
LAN
USB
COM
CompactPCI R
2
2-13


Similar Part No. - CPCI-R6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6002 ETC2-CPCI-R6002 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
Elma Electronic Ltd
CPCI-R6002 ELMA-CPCI-R6002 Datasheet
154Kb / 2P
6U CompactPCI Rear Transition Module with Rich I/O Interfaces
logo
List of Unclassifed Man...
CPCI-R6002D ETC2-CPCI-R6002D Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
More results

Similar Description - CPCI-R6002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Pericom Semiconductor C...
PI7C8154B PERICOM-PI7C8154B Datasheet
117Kb / 3P
2 PORT 64 BIT 66MHZ PCI TO PCI BRIDGE
logo
PLX Technology
PCI6466 PLX-PCI6466 Datasheet
180Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
logo
Advantech Co., Ltd.
MIC-3665 ADVANTECH-MIC-3665 Datasheet
119Kb / 1P
Dual Gigabit Ethernet PCI-X PMC
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
logo
Intel Corporation
6700PXH INTEL-6700PXH Datasheet
2Mb / 194P
64-bit PCI Hub
6702PXH INTEL-6702PXH Datasheet
2Mb / 214P
64-bit PCI Hub
logo
List of Unclassifed Man...
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
HX313C9FR-4 ETC2-HX313C9FR-4 Datasheet
428Kb / 2P
4GB 512M x 64-Bit DDR3-1333
HX316C10FR-4 ETC2-HX316C10FR-4 Datasheet
428Kb / 2P
4GB 512M x 64-Bit DDR3-1600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com