Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7631BSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7631BSTZ
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631BSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7631BSTZ Datasheet HTML 10Page - Analog Devices AD7631BSTZ Datasheet HTML 11Page - Analog Devices AD7631BSTZ Datasheet HTML 12Page - Analog Devices AD7631BSTZ Datasheet HTML 13Page - Analog Devices AD7631BSTZ Datasheet HTML 14Page - Analog Devices AD7631BSTZ Datasheet HTML 15Page - Analog Devices AD7631BSTZ Datasheet HTML 16Page - Analog Devices AD7631BSTZ Datasheet HTML 17Page - Analog Devices AD7631BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7631
Rev. A | Page 14 of 32
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
–132
–128
–124
–120
–116
–112
–108
–104
0V TO 10V
±5V
±10V 0V TO 5V
Figure 17. THD vs. Temperature
–20
–16
–12
–8
–4
0
4
8
12
16
20
–55
–35
–15
5
25
45
65
85
105
125
ZERO/OFFSET ERROR
POSITIVE
FULL-SCALE ERROR
NEGATIVE
FULL-SCALE ERROR
TEMPERATURE (°C)
Figure 18. Zero/Offset Error, Positive and Negative Full-Scale Error vs.
Temperature, All Normalized to 25°C
60
0
08
REFERENCE DRIFT (ppm/°C)
50
40
30
20
10
123
456
7
Figure 19. Reference Voltage Temperature Coefficient Distribution (247 Devices)
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
104
108
112
116
120
124
128
132
0V TO 10V
0V TO 5V
±5V
±10V
Figure 20. SFDR vs. Temperature (Excludes Harmonics)
5.0080
4.9920
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
4.9940
4.9960
4.9980
5.0000
5.0020
5.0040
5.0060
Figure 21. Typical Reference Voltage Output vs. Temperature (3 Devices)
0.001
0.01
0.1
1
10
100
1000
10000
100000
10
100
1000
10000
100000
1000000
OVDD
DVDD
AVDD
PDREF = PDBUF = HIGH
VCC +15V
VEE –15V
SAMPLING RATE (SPS)
Figure 22. Operating Currents vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com