Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7631BSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD7631BSTZ
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631BSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7631BSTZ Datasheet HTML 21Page - Analog Devices AD7631BSTZ Datasheet HTML 22Page - Analog Devices AD7631BSTZ Datasheet HTML 23Page - Analog Devices AD7631BSTZ Datasheet HTML 24Page - Analog Devices AD7631BSTZ Datasheet HTML 25Page - Analog Devices AD7631BSTZ Datasheet HTML 26Page - Analog Devices AD7631BSTZ Datasheet HTML 27Page - Analog Devices AD7631BSTZ Datasheet HTML 28Page - Analog Devices AD7631BSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7631
Rev. A | Page 25 of 32
18-Bit Interface (Master or Slave)
The 18-bit interface is selected by setting MODE[1:0] = 0.
In this mode, the data output is straight binary.
16-Bit and 8-Bit Interface (Master or Slave)
In the 16-bit (MODE[1:0] = 1) and 8-bit (MODE[1:0] = 2)
interfaces, Pin A0 and Pin A1 allow a glueless interface to a
16- or 8-bit bus, as shown in Figure 40 (refer to Table 7 for more
details). By connecting Pin A0 and Pin A1 to an address line(s),
the data can be read in two words for a 16-bit interface or three
bytes for an 8-bit interface. This interface can be used in both
master and slave parallel reading modes.
CS, RD
A1
D[17:2]
HI-Z
HIGH
WORD
LOW
WORD
HI-Z
t12
t13
HIGH
BYTE
A0
MID
BYTE
LOW
BYTE
D[17:10]
t12
HI-Z
HI-Z
t12
Figure 40. 8-Bit and16-Bit Parallel Interface
SERIAL INTERFACE
The AD7631 is configured to use the serial interface
when MODE[1:0]= 3. The AD7631 has a serial interface
(SPI-compatible) multiplexed on the data pins D[17:4].
Data Interface
The AD7631 outputs 18 bits of data, MSB first, on the SDOUT pin.
This data is synchronized with the 18 clock pulses provided on
the SDCLK pin. The output data is valid on both the rising and
falling edge of the data clock.
Serial Configuration Interface
The AD7631 can only be configured through the serial
configuration register in serial mode as the serial configuration
pins are also multiplexed on the data pins D[17:14]. See the
Hardware Configuration section and the Software Configuration
section for more information.
MASTER SERIAL INTERFACE
The pins multiplexed on D[12:4] and used for master serial
interface are: DIVSCLK[1:0], EXT/INT, INVSYNC, INVSCLK,
RDC, SDOUT, SDCLK, and SYNC.
Internal Clock (MODE[1:0] = 3, EXT/INT = Low)
The AD7631 is configured to generate and provide the serial
data clock, SDCLK, when the EXT/INT pin is held low. The
AD7631 also generates a SYNC signal to indicate to the host
when the serial data is valid. The SDCLK and the SYNC signals
can be inverted, if desired, using the INVSCLK and INVSYNC
inputs, respectively. Depending on the input, RDC, the data
can be read during the following conversion or after each
conversion.
and
show detailed timing
diagrams of these two modes.
Figure 41
Figure 42
Read During Convert (RDC = High)
Setting RDC = high allows the master read (previous
conversion result) during conversion mode. Usually, because
the AD7631 is used with a fast throughput, this mode is the
most recommended serial mode. In this mode, the serial clock
and data switch on and off at appropriate instances, minimizing
potential feedthrough between digital activity and critical
conversion decisions. In this mode, the SDCLK period changes
because the LSBs require more time to settle, and the SDCLK is
derived from the SAR conversion cycle. In this mode, the
AD7631 generates a discontinuous SDCLK of two different
periods, and the host should use an SPI interface.
Read After Convert (RDC = Low, DIVSCLK[1:0] = [0 to 3])
Setting RDC = low allows the read after conversion mode.
Unlike the other serial modes, the BUSY signal returns low after
the 18 data bits are pulsed out and not at the end of the conversion
phase, resulting in a longer BUSY width (see Table 4 for BUSY
timing specifications). The DIVSCLK[1:0] inputs control the
SDCLK period and SDOUT data rate. As a result, the maximum
throughput cannot be achieved in this mode. In this mode, the
AD7631 also generates a discontinuous SDCLK; however, a
fixed period and hosts supporting both SPI and serial ports can
also be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com