Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7631BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7631BSTZ
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7631BSTZ Datasheet HTML 1Page - Analog Devices AD7631BSTZ Datasheet HTML 2Page - Analog Devices AD7631BSTZ Datasheet HTML 3Page - Analog Devices AD7631BSTZ Datasheet HTML 4Page - Analog Devices AD7631BSTZ Datasheet HTML 5Page - Analog Devices AD7631BSTZ Datasheet HTML 6Page - Analog Devices AD7631BSTZ Datasheet HTML 7Page - Analog Devices AD7631BSTZ Datasheet HTML 8Page - Analog Devices AD7631BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7631
Rev. A | Page 3 of 32
SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUTS
Differential Voltage Range, VIN
(VIN+) − (VIN−)
0 V to 5 V
VIN = 10 V p-p
−VREF
+VREF
V
0 V to 10 V
VIN = 20 V p-p
−2 VREF
+2 VREF
V
±5 V
VIN = 20 V p-p
−2 VREF
+2 VREF
V
±10 V
VIN = 40 V p-p
−4 VREF
+4 VREF
V
Operating Voltage Range
VIN+, VIN− to AGND
0 V to 5 V
−0.1
+5.1
V
0 V to 10 V
−0.1
+10.1
V
±5 V
−5.1
+5.1
V
±10 V
−10.1
+10.1
V
Common-Mode Voltage Range
VIN+, VIN−
5 V
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
V
10 V
VREF − 0.2
VREF
VREF + 0.2
V
Bipolar Ranges
−0.1
0
+0.1
V
Analog Input CMRR
fIN = 100 kHz
75
dB
Input Current
250 kSPS throughput
801
μA
Input Impedance
See
Analog Inputs section
THROUGHPUT SPEED
Complete Cycle
4.0
μs
Throughput Rate
250
kSPS
DC ACCURACY
Integral Linearity Error2
250 kSPS throughput
−2.5
±1.5
+2.5
LSB3
No Missing Codes
18
Bits
Differential Linearity Error2
−1
+2.5
LSB
Transition Noise
0.75
LSB
Unipolar Zero Error
−0.06
+0.06
%FS
Bipolar Zero Error
−0.03
+0.03
%FS
Zero-Error Temperature Drift
±0.5
ppm/°C
Bipolar Full-Scale Error
−0.09
+0.09
%FS
Unipolar Full-Scale Error
−0.07
+0.07
%FS
Full-Scale Error Temperature Drift
±0.5
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
3
LSB
AC ACCURACY
Dynamic Range
VIN = 0 to 5 V, fIN = 2 kHz, −60 dB
100
101.8
dB4
VIN = all other input ranges, fIN = 2 kHz, −60 dB
100
102.5
dB
Signal-to-Noise Ratio
VIN = 0 to 5 V, fIN = 2 kHz
99.5
100.5
dB
VIN = all other input ranges, fIN = 2 kHz
100
101
dB
Signal-to-(Noise + Distortion), SINAD
fIN = 2 kHz
100
dB
Total Harmonic Distortion
fIN = 2 kHz
112
dB
Spurious-Free Dynamic Range
fIN = 2 kHz
113
dB
−3 dB Input Bandwidth
VIN = 0 V to 5 V
45
MHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com