Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT4502S10 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT4502S10
Description  TX Power MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT4502S10 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT4502S10 Datasheet HTML 1Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 2Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 3Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 4Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 5Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 6Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 7Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AWT4502S10
AWT4502 Fixture Schematic
*This voltage is being adjusted to get IDQ of 140mA, the voltage range is 1.2-3V.
n
i
Pl
a
n
g
i
Sn
o
i
t
p
i
r
c
s
e
D
1V
1
D
1
e
h
t
f
o
n
i
a
r
D
t
s
)
V
5
.
3
+
(
e
g
a
t
s
2F
R
N
I
d
e
k
c
o
l
b
C
D
,t
u
p
n
i
r
e
w
o
p
F
R
*
3V
F
E
R
f
o
Q
D
I
t
e
g
o
t
t
e
s
e
b
d
l
u
o
h
s
ti
u
c
r
i
c
l
o
r
t
n
o
c
g
n
i
s
a
i
b
f
o
t
r
a
P
A
m
0
4
1
4V
C
D
D
)
V
1
.
3
+
(
y
l
p
p
u
s
ti
u
c
r
i
c
s
a
i
B
5D
N
Gd
n
u
o
r
G
C
D
d
n
a
F
R
6V
2
S
T
r
o
t
s
i
s
e
R
s
a
i
B
c
i
m
a
n
y
D
8V
S
S
)
V
3
-
(
y
l
p
p
u
s
e
v
it
a
g
e
N
9V
2
D
2
e
h
t
f
o
n
i
a
r
D
d
n
)
V
5
.
3
+
(
e
g
a
t
s
5
1
,
0
1D
N
Gd
n
u
o
r
g
C
D
d
n
a
F
R
4
1
,
3
1
,
2
1
,
1
1V
3
D
F
R
/
T
U
O
3
f
o
n
i
a
r
D
d
r
F
R
d
n
a
)
V
5
.
3
+
(
e
g
a
t
s
T
U
O
6
1V
3
G
1
f
o
e
t
a
G
t
s
)
g
n
i
n
u
t
d
n
a
n
o
it
a
c
i
d
n
i
s
a
i
b
(
e
g
a
t
s
V
REF
V
DDC
VSS = -3.0 VDC
VDDC = +3.1 VDC
VBC = 1.2 to 3.0 VDC
VD1, VD2, VD3 = 3.5 VDC
TS2
AWT4502



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com