Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT4502S10 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT4502S10
Description  TX Power MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT4502S10 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT4502S10 Datasheet HTML 1Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 2Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 3Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 4Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 5Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 6Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 7Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
APPLICATIONS
S10
16 Pin SSOP with Heat Slug
•
High Linearity.
•
Low Quiescent Current.
•
Intelligent Power ManagementTM with
Temperature Compensation.
•
Low Harmonics.
•
Small Size.
•
16 Pin SSOP Plastic Package.
•
Surface Mount Package
•
50
Ω Input Impedance
•
Low Cost
Description
The AWT4502 is a monolithic power amplifier IC suited for 3 Volt PCS CDMA/TDMA wireless handset
applications.
AWT4502S10
TX Power MMIC
Advanced Product Information - Rev 0
•
PCS CDMA/TDMA Wireless handset
applications.
Maximum Ratings
Static sensitive electronic devices. Do not operate or store near strong electrostatic, fields. Take proper ESD
precautions.
N
I
PN
O
I
T
P
I
C
S
E
DG
N
I
T
A
RS
E
T
O
N
1V
1
D
n
i
m
V
0
.
0
,
x
a
m
V
8
+d
e
il
p
p
A
F
R
o
n
h
ti
W
2F
R
N
I
x
a
m
m
B
d
2
1
+V
D
s
tl
o
V
0
.
5
+
=
3V
F
E
R
n
i
m
V
0
.
0
,
x
a
m
V
5
+.
n
o
it
a
r
e
p
o
g
n
ir
u
d
d
e
t
n
e
s
e
r
p
e
b
t
s
u
M
4V
C
D
D
n
i
m
V
0
.
0
,
x
a
m
V
5
.
7
+
8V
S
S
V
5
)
-
(
9V
2
D
n
i
m
V
0
.
0
,
x
a
m
V
8
+d
e
il
p
p
A
F
R
o
n
h
ti
W
4
1
,
3
1
,
2
1
,
1
1V
3
D
n
i
m
V
0
.
0
,
x
a
m
V
8
+d
e
il
p
p
A
F
R
o
n
h
ti
W


Similar Part No. - AWT4502S10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AWT ETC2-AWT Datasheet
46Kb / 1P
Through Hole Tuning Fork Crystals
logo
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
Through Hole Tuning Fork Crystals
logo
List of Unclassifed Man...
AWT-1280800T7N01 ETC2-AWT-1280800T7N01 Datasheet
1Mb / 30P
Thin Film Transistor LCD MODULE
logo
ANADIGICS, Inc
AWT1921 ANADIGICS-AWT1921 Datasheet
457Kb / 12P
Integrated High Power Amp 1610 MHz
Rev 1.0
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
372Kb / 8P
Integrated High Power Amp 1610 MHz
REV 4
More results

Similar Description - AWT4502S10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMD0708-2 TOSHIBA-TMD0708-2 Datasheet
86Kb / 2P
POWER GAAS MMIC
logo
Eudyna Devices Inc
FMM5027VJ EUDYNA-FMM5027VJ Datasheet
114Kb / 4P
MMIC Power Amplifier
FMM5049VT EUDYNA-FMM5049VT Datasheet
173Kb / 4P
Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
MMIC Power Amplifier
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
logo
Analog Devices
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
MMIC, Power Amplifier
Dec-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com