Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT4502S10 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT4502S10
Description  TX Power MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT4502S10 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT4502S10 Datasheet HTML 1Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 2Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 3Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 4Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 5Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 6Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 7Page - ANADIGICS, Inc AWT4502S10 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AWT4502S10
Electrical Characteristics
(Pin < 3dBm, V
DS 1, 2, 3=+3.5 V; VDDC = 3.1V; VSS = (-) 3V, Set VREF(Pin 3) to get IDQ of 140mA; TC = 25 °C, 50Ω
Input 50
Ω external output match)*
* As measured in ANADIGICS test fixture.
Recommended Operating Procedure on the Evaluation Board
Power Up
A. Begin by setting all power supplies to 0.0 Volts, and input power to 0 dBm.
B. Make sure that the RF input power is turned off.
C. Turn on V
SS (Pin 3) to (-) 3V.
D. Turn V
DS1 (Pin 1), VDS2 (Pin 9), VDS3 (Pins 11, 12, 13 and 14) and VDDC (Pin 4) which are tied together on the
fixture, and set to +3.5V and set V
REF (Pin 3) for IDQ of 140 mA
E. Turn RF on and adjust input power to get P
OUT = 28.5 dBm.
Power Down
To power down the device follow the above procedure in reverse order.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Mt
i
n
U
y
c
n
e
u
q
e
r
Fo
f0
5
8
1-
0
1
9
1z
H
M
t
u
p
t
u
O
r
e
w
o
Pt
u
o
P5
.
8
2-
-
m
B
d
n
o
it
r
o
t
s
i
D
n
o
it
a
l
u
d
o
m
r
e
t
n
I
3
M
I
5
M
I
7
M
I
-
6
2
-
6
3
-
5
4
-
-c
B
d
P
@
y
c
n
e
i
c
if
f
E
d
e
d
d
A
r
e
w
o
P
T
U
O
m
B
d
5
.
8
2
=E
A
P-
2
3-
%
n
i
a
G-
-
6
2-
B
d
)
m
B
d
5
.
8
2
@
(
s
c
i
n
o
m
r
a
H
o
f
2
o
f
3
o
f
4
-
5
4
-
<
0
4
-
<
0
4
-
<
-c
B
d
c
B
d
0
8
-
:
y
ti
li
b
a
t
S
d
e
r
i
s
e
d
o
t
e
v
it
a
l
e
r
s
t
u
p
t
u
o
s
u
o
ir
u
p
s
ll
a
l
a
n
g
i
s
--
1
:
6-
,
s
e
l
g
n
a
e
s
a
h
p
ll
a
,
d
a
o
l
R
W
S
V
P
(
T
U
O
<)
m
B
d
5
.
8
2
V
S
D
0
5
=
s
Z
,
4
.
3
+
=
s
s
o
L
n
r
u
t
e
R
t
u
p
n
IN
T
R
N
I
-2
1-
B
d
e
g
n
a
R
g
n
it
a
r
e
p
OT
C
0
2
-0
7
+C
°
t
n
e
r
r
u
C
e
g
a
tl
o
V
e
v
it
a
g
e
NI
S
S
-3
-
A
m
V
(
t
n
e
r
r
u
C
g
n
i
s
a
i
B
C
D
D
)
n
i
PI
C
D
D
-5
.
2-
A
m
V
(
t
n
e
r
r
u
C
g
n
i
s
a
i
B
F
E
R
)
n
i
PI
F
E
R
-5
.
1-
A
m
)
3
q
s
d
I
+
2
q
s
d
I
+
1
q
s
d
I
(
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
S
D
-0
4
1-
A
m
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com