Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5921 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5921 Datasheet HTML 4Page - Texas Instruments TLC5921 Datasheet HTML 5Page - Texas Instruments TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments TLC5921 Datasheet HTML 10Page - Texas Instruments TLC5921 Datasheet HTML 11Page - Texas Instruments TLC5921 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
setting for constant output current value
The constant current value is determined by external resistor, R(IREF) between IREF and GND. Refer constant
output current characteristics shown on Figure 5 for this external resistor value.
Note that more current flows if connect IREF to GND directly.
constant output current operation
When BLANK is low, the corresponding output is turned on if data latch value is 1, and turned off if data latch
value is 0. When BLANK is high, all outputs are forced to turn off. If there is constant current output terminal
left unconnected (includes LED disconnection), it should be lighted on after writing zero to corresponding data
latch to its output. If this operation is not done, supply current through constant current driver will increase.
shift register latch
The shift register latch is configured with 16
× 1 bits. The 1 bit for constant current output data represents ON
for constant current output if data is 1, or OFF if data is 0. The configuration of shift register latch is shown in
below.
(1 bits)
OUT15
Data
XLATCH
(1 bits)
OUT14
Data
(1 bits)
OUT1
Data
(1 bits)
OUT0
Data
Data Latch
16
SOUT
Shift Register
15
2
1
SIN
SCLK
Figure 3. Relationship Between Shift Register and Latch
SOUT output timing selection
By setting level of SOMODE, the SOUT output timing can be changed. When SOMODE is set to low, data is
clocked out to SOUT synchronized on the rising edge of SCLK, and when SOMODE is set to high, data is
clocked out to SOUT synchronized on the falling edge of SCLK. When SOMODE is set to high and shift
operation is done, the data shift error can be prevented even though SCLK signal is externally buffered in serial.
Note that the maximum data transfer rate in cascade operation is slower than that when SMODE is set to low.
TSD (thermal shutdown)
When the junction temperature exceeds the limit, TSD starts to function and turn constant current output off and
XDOWN goes low. Since XDOWN is configured with open-collector output, the outputs of multiple ICs can be
concatenated. To recover from constant current output off-state to normal operation, power supply should be
turned off and then turned on after several seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com