Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5921 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments TLC5921 Datasheet HTML 10Page - Texas Instruments TLC5921 Datasheet HTML 11Page - Texas Instruments TLC5921 Datasheet HTML 12Page - Texas Instruments TLC5921 Datasheet HTML 13Page - Texas Instruments TLC5921 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power rating – free-air temperature
2.0
3.9
TA – Free–Air Temperature – °C
0
25
85
–20
1.48
3.2
0
0
NOTES: A. The data is based on simulation result. When TI recommended print circuit board is used, derate linearly at the rate of 31.4 mW/
°C
for operation above 25
°C free-air temperature. VCC=5 V, IO(LC) = 80 mA, ICC is typical value.
B. The thermal impedance will be varied depend on mounting conditions. Since PZP package established low thermal impedance by
radiating heat from thermal pad, the thermal pad should be soldered to pattern with low thermal impedance.
C. The material for PCB should be selected considering the thermal characteristics since the temperature will rise around the thermal
pad.
Figure 4. Power Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com