Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5921 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921
Description  LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5921 Datasheet HTML 5Page - Texas Instruments TLC5921 Datasheet HTML 6Page - Texas Instruments TLC5921 Datasheet HTML 7Page - Texas Instruments TLC5921 Datasheet HTML 8Page - Texas Instruments TLC5921 Datasheet HTML 9Page - Texas Instruments TLC5921 Datasheet HTML 10Page - Texas Instruments TLC5921 Datasheet HTML 11Page - Texas Instruments TLC5921 Datasheet HTML 12Page - Texas Instruments TLC5921 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LOD function (LED open detection)
If any terminal voltage of constant current output (OUT0 TO 15) to be turned on is approximately below 0.3 V,
XDOWN output goes low during output on by knowing LED disconnection. This function is operational for
sixteen OUTn individually. To know which constant current output is disconnected, the level of XDOWN is
repeatedly checked 16 times from OUT0 to OUT15 turning one constant current output on. The power supply
voltage for LED should be set to that the constant current output is applied to above 0.4 V to prevent from
XDOWN low when LED is lighting on normally. Note that on-time should be minimum1
µs after the constant
current output is turned on since XDOWN output is required approximately 1
µs.
As discussed earlier, XDOWN is used for both TSD and LOD function. Therefore, BLANK is used to know which
one of TSD or LOD worked when XDOWN went low at LED disconnection, that is, in this condition, when set
BLANK to high, all the constant current outputs are turned off and LOD disconnection detection is disabled, then,
if XDOWN was changed to high, LED disconnection must be occurred.
Table 1 is an example for XDOWN output status using four LEDs.
Table 1. XDOWN Output Example
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
ON
ON
ON
ON
DETECTION RESULT
GOOD
NG
GOOD
NG
XDOWN
LOW (by case 2, 4)
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
ON
ON
OFF
OFF
DETECTION RESULT
GOOD
NG
GOOD
GOOD
XDOWN
LOW (by case 2)
LED NUMBER
1
2
3
4
LED STATUS
GOOD
NG
GOOD
NG
OUTn
OFF
OFF
OFF
OFF
DETECTION RESULT
GOOD
GOOD
GOOD
GOOD
XDOWN2
HIGH–IMPEDANCE
noise reduction : output slope
When output current is 80 mA, the time to change constant current output to turn-on and turn-off is approximately
150 ns and 250 ns respectively. This allows to reduce concurrent switching noise occurred when multiple
outputs turn or off at the same time.
thermal pad
The thermal pad should be connected to GND to eliminate the noise influence since it is connected to the bottom
side of IC chip. Also, desired thermal effect will be obtained by connecting this pad to the PCB pattern with better
thermal conductivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com