Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 35Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 36Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 37Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 38Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 39Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 40Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 41Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 42Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
2.6.11 Universal Asynchronous Receiver/Transmitters (UART0, UART1, UART2)
Table 2-16. Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
UART0
I2C0, BOOT,
UART0 receive
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
R3
I
IPU
Timer0, GPIO,
data
I2C0, Timer0,
UART0 transmit
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
P3
O
IPU
GPIO, BOOT
data
UART0 ready-to-
SPI0_SCS[0]/ UART0_RTS /EQEP0B/GP5[4]/BOOT[4]
9
N4
O
IPU
send output
SPI0, eQEP0,
GPIO, BOOT
UART0 clear-to-
SPI0_ENA/ UART0_CTS /EQEP0A/GP5[3]/BOOT[3]
12
R5
I
IPU
send input
UART1
UART1 receive
UART1_RXD/AXR0[9]/GP3[9](3)
122
C6
I
IPD
data
McASP0, GPIO
UART1 transmit
UART1_TXD/AXR0[10]/GP3[10](3)
123
D6
O
IPD
data
UART2
UART2 receive
SPI1_ENA/UART2_RXD/GP5[12]
7
R4
I
IPU
data
SPI1, GPIO
UART2 transmit
SPI1_SCS[0]/UART2_TXD/GP5[13]
8
P4
O
IPU
data
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
(3)
As these signals are internally pulled down while the device is in reset, it is necessary to externally pull them high with resistors if
UART1 boot mode is used. Please see the TMS320C6745/C6747 DSP System Reference Guide - Literature Number SPRUFK4 for
more for details on entering UART1 boot mode.
Copyright © 2008–2013, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com