Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 52Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 53Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 54Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 55Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 56Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 57Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 58Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 59Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
3
Device Configuration
3.1
Boot Modes
This device supports a variety of boot modes through an internal ROM bootloader. This device does not
support dedicated hardware boot modes; therefore, all boot modes utilize the internal ROM. The input
states of the BOOT pins are sampled and latched into the BOOTCFG register, which is part of the system
configuration (SYSCFG) module, when device reset is deasserted. Boot mode selection is determined by
the values of the BOOT pins.
The following boot modes are supported:
•
NAND Flash boot
–
8-bit NAND
–
16-bit NAND
•
NOR Flash boot
–
NOR Direct boot (8-bit or 16-bit)
–
NOR Legacy boot (8-bit or 16-bit)
–
NOR AIS boot (8-bit or 16-bit)
•
HPI Boot [C6747 only]
•
I2C0 / I2C1 Boot
–
EEPROM (Master Mode)
–
External Host (Slave Mode)
•
SPI0 / SPI1 Boot
–
Serial Flash (Master Mode)
–
SERIAL EEPROM (Master Mode)
–
External Host (Slave Mode)
•
UART0 / UART1 / UART2 Boot
–
External Host
56
Device Configuration
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com