Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 14Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 15Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 16Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 17Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 18Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 19Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 20Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 21Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Table 2-3. C674x L1/L2 Memory Protection Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
L2 memory protection page attribute register 29
0x0184 A274
L2MPPA29
(controls memory address 0x0083 A000 - 0x0083 BFFF)
L2 memory protection page attribute register 30
0x0184 A278
L2MPPA30
(controls memory address 0x0083 C000 - 0x0083 DFFF)
L2 memory protection page attribute register 31
0x0184 A27C
L2MPPA31
(controls memory address 0x0083 E000 - 0x0083 FFFF)
L2 memory protection page attribute register 32
0x0184 A280
L2MPPA32
(controls memory address 0x0070 0000 - 0x0070 7FFF)
L2 memory protection page attribute register 33
0x0184 A284
L2MPPA33
(controls memory address 0x0070 8000 - 0x0070 FFFF)
L2 memory protection page attribute register 34
0x0184 A288
L2MPPA34
(controls memory address 0x0071 0000 - 0x0071 7FFF)
L2 memory protection page attribute register 35
0x0184 A28C
L2MPPA35
(controls memory address 0x0071 8000 - 0x0071 FFFF)
L2 memory protection page attribute register 36
0x0184 A290
L2MPPA36
(controls memory address 0x0072 0000 - 0x0072 7FFF)
L2 memory protection page attribute register 37
0x0184 A294
L2MPPA37
(controls memory address 0x0072 8000 - 0x0072 FFFF)
L2 memory protection page attribute register 38
0x0184 A298
L2MPPA38
(controls memory address 0x0073 0000 - 0x0073 7FFF)
L2 memory protection page attribute register 39
0x0184 A29C
L2MPPA39
(controls memory address 0x0073 8000 - 0x0073 FFFF)
L2 memory protection page attribute register 40
0x0184 A2A0
L2MPPA40
(controls memory address 0x0074 0000 - 0x0074 7FFF)
L2 memory protection page attribute register 41
0x0184 A2A4
L2MPPA41
(controls memory address 0x0074 8000 - 0x0074 FFFF)
L2 memory protection page attribute register 42
0x0184 A2A8
L2MPPA42
(controls memory address 0x0075 0000 - 0x0075 7FFF)
L2 memory protection page attribute register 43
0x0184 A2AC
L2MPPA43
(controls memory address 0x0075 8000 - 0x0075 FFFF)
L2 memory protection page attribute register 44
0x0184 A2B0
L2MPPA44
(controls memory address 0x0076 0000 - 0x0076 7FFF)
L2 memory protection page attribute register 45
0x0184 A2B4
L2MPPA45
(controls memory address 0x0076 8000 - 0x0076 FFFF)
L2 memory protection page attribute register 46
0x0184 A2B8
L2MPPA46
(controls memory address 0x0077 0000 - 0x0077 7FFF)
L2 memory protection page attribute register 47
0x0184 A2BC
L2MPPA47
(controls memory address 0x0077 8000 - 0x0077 FFFF)
L2 memory protection page attribute register 48
0x0184 A2C0
L2MPPA48
(controls memory address 0x0078 0000 - 0x0078 7FFF)
L2 memory protection page attribute register 49
0x0184 A2C4
L2MPPA49
(controls memory address 0x0078 8000 - 0x0078 FFFF)
L2 memory protection page attribute register 50
0x0184 A2C8
L2MPPA50
(controls memory address 0x0079 0000 - 0x0079 7FFF)
L2 memory protection page attribute register 51
0x0184 A2CC
L2MPPA51
(controls memory address 0x0079 8000 - 0x0079 FFFF)
L2 memory protection page attribute register 52
0x0184 A2D0
L2MPPA52
(controls memory address 0x007A 0000 - 0x007A 7FFF)
L2 memory protection page attribute register 53
0x0184 A2D4
L2MPPA53
(controls memory address 0x007A 8000 - 0x007A FFFF)
L2 memory protection page attribute register 54
0x0184 A2D8
L2MPPA54
(controls memory address 0x007B 0000 - 0x007B 7FFF)
L2 memory protection page attribute register 55
0x0184 A2DC
L2MPPA55
(controls memory address 0x007B 8000 - 0x007B FFFF)
L2 memory protection page attribute register 56
0x0184 A2E0
L2MPPA56
(controls memory address 0x007C 0000 - 0x007C 7FFF)
18
Device Overview
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com