Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MVZ2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  SPC5644AF0MVZ2 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
4
1.3
Device comparison
Table 1 summarizes the MPC5644A and compares it to the MPC5634M.
Table 1. MPC5644A, MPC5634M and MPC5642A comparison
Feature
MPC5644A
MPC5634M
MPC5642A
Process
90 nm
Core
e200z4
e200z3
e200z4
SIMD
Yes
VLE
Yes
Cache
8 KB instruction
No
8 KB instruction
Non-Maskable Interrupt (NMI)
NMI & Critical Interrupt
MMU
24 entry
16 entry
24 entry
MPU
16 entry
No
16 entry
Crossbar switch
5
 43  44  4
Core performance
0–150 MHz
0–80 MHz
0–150 MHz
Windowing software watchdog
Yes
Core Nexus
Class 3+
Class 2+
Class 3+
SRAM
192 KB
94 KB
128 KB
Flash
4 MB
1.5 MB
2 MB
Flash fetch accelerator
4
 256-bit
4
 128-bit
External bus
16-bit (incl 32-bit muxed)
None
Calibration bus
16-bit (incl 32-bit muxed)
16-bit
16-bit (incl 32-bit muxed)
DMA
64 ch.
32 ch.
64 ch.
DMA Nexus
None
Serial
3
2
3
eSCI_A
Yes (MSC Uplink)
eSCI_B
Yes (MSC Uplink)
eSCI_C
Yes
No
Yes
CAN
3
2
3
CAN_A
64 buf
CAN_B
64 buf
No
64 buf
CAN_C
64 buf
32 buf
64 buf
SPI
3
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com