Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5644AF0MVZ2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SPC5644AF0MVZ2
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5644AF0MVZ2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SPC5644AF0MVZ2 Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 16Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5644AF0MVZ2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
18
•
Optional programmable watchdog window mode
•
Can optionally cause system reset or interrupt request on timeout
•
Reset by writing a software key to memory mapped register
•
Enabled out of reset
•
Configuration is protected by a software key or a write-once register
1.4.20
Cyclic redundancy check (CRC) module
The CRC computing unit is dedicated to the computation of CRC off-loading the CPU. The CRC features:
•
Support for CRC-16-CCITT (x25 protocol):
—X16 + X12 + X5 + 1
•
Support for CRC-32 (Ethernet protocol):
—X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1
•
Zero wait states for each write/read operations to the CRC_CFG and CRC_INP registers at the maximum frequency
1.4.21
Error correction status module (ECSM)
The ECSM provides a myriad of miscellaneous control functions regarding program-visible information about the platform
configuration and revision levels, a reset status register, a software watchdog timer, wakeup control for exiting sleep modes,
and information on platform memory errors reported by error-correcting codes and/or generic access error information for
certain processor cores.
The Error Correction Status Module supports a number of miscellaneous control functions for the platform. The ECSM includes
these features:
•
Registers for capturing information on platform memory errors if error-correcting codes (ECC) are implemented
•
For test purposes, optional registers to specify the generation of double-bit memory errors are enabled on the
MPC5644A.
The sources of the ECC errors are:
•Flash
•SRAM
•
Peripheral RAM (FlexRay, CAN, eTPU2 Parameter RAM)
1.4.22
External bus interface (EBI)
The MPC5644A device features an external bus interface that is available in 324 TEPBGA and calibration packages.
The EBI supports operation at frequencies of system clock /1, /2 and /4, with a maximum frequency support of 80 MHz.
Customers running the device at 120 MHz or 132 MHz will use the /2 divider, giving an EBI frequency of 60 MHz or 66 MHz.
Customers running the device at 80 MHz will be able to use the /1 divider to have the EBI run at the full 80 MHz frequency.
Features include:
•
1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V)
•
Memory controller with support for various memory types
•
16-bit data bus, up to 22-bit address bus
•
Pin muxing included to support 32-bit muxed bus
•
Selectable drive strength
•
Configurable bus speed modes
•
Bus monitor
•
Configurable wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com